Electronic Components Datasheet Search
  English  ▼

X  

P89LPC9103 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # P89LPC9103
Description  8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC9103 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button P89LPC9103 Datasheet HTML 13Page - NXP Semiconductors P89LPC9103 Datasheet HTML 14Page - NXP Semiconductors P89LPC9103 Datasheet HTML 15Page - NXP Semiconductors P89LPC9103 Datasheet HTML 16Page - NXP Semiconductors P89LPC9103 Datasheet HTML 17Page - NXP Semiconductors P89LPC9103 Datasheet HTML 18Page - NXP Semiconductors P89LPC9103 Datasheet HTML 19Page - NXP Semiconductors P89LPC9103 Datasheet HTML 20Page - NXP Semiconductors P89LPC9103 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
[1]
Unimplemented bits in SFRs (labeled ’-’) are X (unknown) at all times. Unless otherwise specified, ones should not be written to these bits since they may be used for other
purposes in future derivatives. The reset values shown for these bits are logic 0s although they are unknown when read.
[2]
All ports are in input-only (high-impedance) state after power-up.
[3]
The RSTSRC register reflects the cause of the P89LPC9102/9103/9107 reset. Upon a power-up reset, all reset source flags are cleared except POF and BOF; the power-on reset
value is xx110000.
[4]
The only reset source that affects these SFRs is power-on reset.
[5]
On power-on reset, the TRIM SFR is initialized with a factory preprogrammed value. Other resets will not cause initialization of the TRIM register.
[6]
After reset, the value is 111001x1, i.e., PRE2 to PRE0 are all logic 1s, WDRUN = 1 and WDCLK = 1. WDTOF bit is logic 1 after watchdog timer reset and is logic 0 after power-on
reset. Other resets will not affect WDTOF.
RSTSRC
Reset source register
DFh
-
-
BOF
POF
-
R_WD
R_SF
R_EX
[3]
RTCCON
Real-time clock control
D1h
RTCF
RTCS1
RTCS0
-
-
-
ERTC
RTCEN
60 [2]
[4]
011xxx00
RTCH
Real-time clock register high
D2h
00 [4]
00000000
RTCL
Real-time clock register low
D3h
00 [4]
00000000
SP
Stack pointer
81h
07
00000111
TAMOD
Timer 0 and 1 auxiliary mode
8Fh
-
-
-
T1M2
-
-
-
T0M2
00
xxx0xxx0
Bit address
8F
8E
8D
8C
8B
8A
89
88
TCON*
Timer 0 and 1 control
88h
TF1
TR1
TF0
TR0
----
00
00000000
TH0
Timer 0 high
8Ch
00
00000000
TH1
Timer 1 high
8Dh
00
00000000
TL0
Timer 0 low
8Ah
00
00000000
TL1
Timer 1 low
8Bh
00
00000000
TMOD
Timer 0 and 1 mode
89h
-
-
T1M1
T1M0
-
-
T0M1
T0M0
00
00000000
TRIM
Internal oscillator trim register
96h
RCCLK
ENCLK
TRIM.5
TRIM.4
TRIM.3
TRIM.2
TRIM.1
TRIM.0
[5] [4]
WDCON
Watchdog control register
A7h
PRE2
PRE1
PRE0
-
-
WDRUN
WDTOF
WDCLK
[6] [4]
WDL
Watchdog load
C1h
FF
11111111
WFEED1
Watchdog feed 1
C2h
WFEED2
Watchdog feed 2
C3h
Table 7:
P89LPC9102 special function registers …continued
* indicates SFRs that are bit addressable.
Name
Description
SFR
addr.
Bit functions and addresses
Reset value
MSB
LSB
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com