Electronic Components Datasheet Search
  English  ▼

X  

TM23 Datasheet(PDF) 2 Page - Hirose Electric

Part # TM23
Description  CAT 6 Data Wiring System Connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

TM23 Datasheet(HTML) 2 Page - Hirose Electric

  TM23 Datasheet HTML 1Page - Hirose Electric TM23 Datasheet HTML 2Page - Hirose Electric TM23 Datasheet HTML 3Page - Hirose Electric TM23 Datasheet HTML 4Page - Hirose Electric TM23 Datasheet HTML 5Page - Hirose Electric TM23 Datasheet HTML 6Page - Hirose Electric TM23 Datasheet HTML 7Page - Hirose Electric TM23 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TM23 Series
●CAT 6 Data Wiring System Connectors
2
100 M ohms min.
No flashover or insulation breakdown.
230 m ohms max.
No electrical discontinuity of 5μs min.
Contact resistance
: 250m ohms max.
No electrical discontinuity of 5μs. min.
Contact resistance
: 250m ohms max.
Contact resistance
: 250m ohms max.
Contact resistance
: 250 m ohms max.
Insulation resistance : 100 M ohms min.
Contact resistance: 250 m ohms max.
Insulation resistance: 1 M ohms min. (High humidity)
Insulation resistance: 100 M ohms min. (Dry state)
Contact resistance: 250 m ohms max.
100 V DC
500 V AC / one minute
100mA
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm,
1 octave/min. conduct, 10 cycles to each 3 directions.
Acceleration of 490 m/s2, 11 ms duration, sine half-wave
waveform, 3 cycles in each of the 6 axes.
200 cycles
Temperature : -55±3ç
➝ +15ç to +35ç ➝ +85±2ç ➝ +15ç to +35ç
Duration (Minutes): 30
➝ 2 to 3 ➝ 30 ➝ 2 to 3
5 cycles
500 hours at temperature of 40ç and humidity of 90% to 95%.
5% salt water/48 hours.
1. Insulation resistance
2. Withstanding voltage
(between adjacent contacts)
3. Contact resistance
4. Vibration
5. Shock
6. Durability
(mating/un-mating)
7. Temperature cycle
8. Humidity
9. Salt Spray
Rating
Current rating
1A
Voltage rating
125V AC
Operating temperature range -25ç to +60ç (Note)
■Plugs, Boots
■Specifications
■Materials and Finishes
Item
Specification
Conditions
Insulator
Contacts
Strain relief clamp
Polycarbonate
Phosphor bronze
Brass
Color: Clear
Contact area: Gold plated
Nickel plated
UL94V-0
-------------------
-------------------
Component
Plugs
Material
Finish
Remarks
Insulator
EPTR
White (Standard color)
Black, red, blue, yellow, green, orange, gray, light blue
UL94V-0
-------------------
Component
Boots
Material
Finish
Remarks
Note: Includes temperature rise caused by current flow.
■Ordering Information
● Plugs
Series name
: TM23
Connector type
P
: Plug
Size
8
: 8 contacts
Inserted contacts
8P : 8 contacts
1
2
3
8P
8
-
P
-
TM23
4
1
2
3
4
● Boots
Series name
: TM23
Connector type
P
: Plug
Size
8
: 8 contacts
BT
: Boot
1
2
3
BT
8
-
P
-
TM23
4
1
2
3
4
+5
0
+5
0
● Jacks
Series name
: TM23
Connector type
R
: Jack
Mounting style/termination type
5A : Right-angle/through hole
Jack opening code
8
: For 8 contacts
Number of inserted contacts
8
: 8 contacts
1
2
3
4
5
8
8
5A
-
R
TM23
1
2
3
4
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com