Electronic Components Datasheet Search
  English  ▼

X  

TM23 Datasheet(PDF) 3 Page - Hirose Electric

Part # TM23
Description  CAT 6 Data Wiring System Connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

TM23 Datasheet(HTML) 3 Page - Hirose Electric

  TM23 Datasheet HTML 1Page - Hirose Electric TM23 Datasheet HTML 2Page - Hirose Electric TM23 Datasheet HTML 3Page - Hirose Electric TM23 Datasheet HTML 4Page - Hirose Electric TM23 Datasheet HTML 5Page - Hirose Electric TM23 Datasheet HTML 6Page - Hirose Electric TM23 Datasheet HTML 7Page - Hirose Electric TM23 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
TM23 Series
●CAT 6 Data Wiring System Connectors
■Plugs
Part No.
TM23P-88P
222-2916-6
YES
CL No.
RoHS
TM23P-88P
(25)
24
5.4
10.05
10.05
6
17
(17.5)
Contact No. 1
Connecter guide insert
(Shown inserted)
Contact No. 8
Plug body
Connector guide insert *
Strain relief clamp *
(15.45)
BOverview
. Contact configured for CAT 6 performance.
. 0.5 mm dia. solid wire or AWG #24 stranded wire.
. Use with cables having external diameters of 5.4 mm to 6.8mm.
. Strain relief clamp protects the contact/conductor
termination areas.
BMated with corresponding receptacle
(Shown for reference only)
* Supplied separately(1bag contains 1pcs.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com