Electronic Components Datasheet Search
  English  ▼

X  

P4KE Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # P4KE
Description  400 Peak Power
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

P4KE Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  P4KE Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH P4KE Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH P4KE Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
P4KE SERIES
Voltage 6.8V ~ 440V
400 Peak Power / 1.0W Steady State
400W Peak Power TVS
Elektronische Bauelemente
13-Jul-2018 Rev. D
Page 1 of 3
A
C
B
A
D
A suffix of "-C" specifies halogen & RoHS compliant
FEATURES
Constructed with Glass Passivated Die
400W peak pulse power Dissipation
Excellent clamping capability
Uni and Bidirectional unit
Very fast response time
Component in accordance to RoHS 2002/95/EC
MECHANICAL DATA
Case: DO-41
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
Terminals: Lead free Plating (Tin Finish)
Solderable per MIL-STD-202, Method 208
Polarity: Cathode Band
Weight: 0.318 grams (Approximate)
ORDER INFORMATION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (Maximum Ratings @ T
A = 25°C)
CHARACTERISTIC
SYMBOL
VALUE
UNITS
Peak Power Dissipation with a 10/1000
µs waveform 1
PPK
Minimum 400
W
Power Dissipation on infinite heatsink at TL=75°C
P D
1
W
Peak Forward Surge Current, 8.3ms single half sine-wave
unidirectional only 2
IFSM
40
A
Maximum instantaneous forward voltage at 25 A for unidirectional
only 3
VF
3.5 / 5.0
V
Operating and Storage Temperature Range
TJ, TSTG
150, -55 to +150
°C
Notes:
1.
Non-repetitive current pulse per Fig.5 and derated above TA= 25 °C per Fig.1
2.
Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
3.
VF<3.5V for devices of VBR<200V and VF<5.0V for devices of VBR>201V.
Part Number
Type
P4KE SERIES
Lead (Pb)-free
P4KE SERIES-C
Lead (Pb)-free and Halogen-free
DO - 41
REF.
Millimeter
Min.
Max.
A
25.4 (TYP)
B
4.10
5.21
C
2.00
2.72
D
0.70
0.90


Similar Part No. - P4KE

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE PANJIT-P4KE Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Transys Electronics
P4KE TRSYS-P4KE Datasheet
254Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4KE WTE-P4KE Datasheet
67Kb / 5P
400W TRANSIENT BOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
P4KE RECTRON-P4KE Datasheet
1Mb / 5P
GPP TRANSIENT VOLTAGE SUPPRESSOR (400 WATT PEAK POWER 1.0 WATT STEADY STATE)
logo
Jinan Gude Electronic D...
P4KE JGD-P4KE Datasheet
353Kb / 4P
TRANSIENT VOLTAGE SUPPRESSORS DIODE
More results

Similar Description - P4KE

ManufacturerPart #DatasheetDescription
logo
Bytes
P4KE BYTES-P4KE Datasheet
307Kb / 4P
400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
UNIOHM CORPORATION
P4KE UNIOHM-P4KE Datasheet
89Kb / 4P
400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
STMicroelectronics
BZW04-28B STMICROELECTRONICS-BZW04-28B Datasheet
124Kb / 6P
PEAK PULSE POWER : 400 W (10/1000ms)
Feb-2003
logo
ON Semiconductor
NSA5.0AFT3G ONSEMI-NSA5.0AFT3G Datasheet
101Kb / 4P
400 Watt Peak Power Zener Transient Voltage
September, 2011 ??Rev. 0
logo
Goodwork Semiconductor ...
P4KE GWSEMI-P4KE Datasheet
185Kb / 4P
400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Nanjing International G...
P4KE DGNJDZ-P4KE Datasheet
349Kb / 4P
400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
AiT Semiconductor Inc.
SMAJ100A AITSEMI-SMAJ100A Datasheet
341Kb / 8P
TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
SMAJ110 AITSEMI-SMAJ110 Datasheet
341Kb / 8P
TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
SMAJ5.0 AITSEMI-SMAJ5.0 Datasheet
322Kb / 7P
TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
logo
Guangdong Youtai Semico...
PESD3V3L2BT UMW-PESD3V3L2BT Datasheet
402Kb / 3P
400 peak pulse power (tp =8/20μs)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com