Electronic Components Datasheet Search
  English  ▼

X  

P4KE Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # P4KE
Description  400 Peak Power
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

P4KE Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  P4KE Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH P4KE Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH P4KE Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
P4KE SERIES
Voltage 6.8V ~ 440V
400 Peak Power / 1.0W Steady State
400W Peak Power TVS
Elektronische Bauelemente
13-Jul-2018 Rev. D
Page 2 of 3
ELECTRICAL CHARACTERISTIC (T
A =25°C unless otherwise specified)
PART
NUMBER
REVERSE
STANDOFF
VOLTAGE
BREAKDOWN
VOLTAGE
MIN@IT
BREAKDOWN
VOLTAGE
MAX@IT
TEST
CURRENT
MAX
CLAMPING
VOLTAGE
VC@IPP
PEAK
PULSE
CURRENT
REVERSE
LEAKAGE
IR@VRRM
DIRECTIONAL
VRRM
VBR
VBR
IT
VC
IPP
IR
UNI
BI
V
V
V
mA
V
A
uA
P4KE6.8A P4KE6.8CA
5.80
6.46
7.14
10.0
10.5
38.10
1000
P4KE7.5A P4KE7.5CA
6.40
7.13
7.88
10.0
11.3
35.40
500
P4KE8.2A P4KE8.2CA
7.02
7.79
8.61
10.0
12.1
33.10
200
P4KE9.1A P4KE9.1CA
7.78
8.65
9.56
1.0
13.4
29.90
50
P4KE10A
P4KE10CA
8.55
9.50
10.50
1.0
14.5
27.60
10
P4KE11A
P4KE11CA
9.40
10.45
11.55
1.0
15.6
25.60
5
P4KE12A
P4KE12CA
10.20
11.40
12.60
1.0
16.7
24.00
5
P4KE13A
P4KE13CA
11.10
12.35
13.65
1.0
18.2
22.00
5
P4KE15A
P4KE15CA
12.80
14.25
15.75
1.0
21.2
18.90
5
P4KE16A
P4KE16CA
13.60
15.20
16.80
1.0
22.5
17.80
5
P4KE18A
P4KE18CA
15.30
17.10
18.90
1.0
25.2
15.90
5
P4KE20A
P4KE20CA
17.10
19.00
21.00
1.0
27.7
14.40
5
P4KE22A
P4KE22CA
18.80
20.90
23.10
1.0
30.6
13.10
5
P4KE24A
P4KE24CA
20.50
22.80
25.20
1.0
33.2
12.00
5
P4KE27A
P4KE27CA
23.10
25.65
28.35
1.0
37.5
10.70
5
P4KE30A
P4KE30CA
25.60
28.50
31.50
1.0
41.4
9.66
5
P4KE33A
P4KE33CA
28.20
31.35
34.65
1.0
45.7
8.75
5
P4KE36A
P4KE36CA
30.80
34.20
37.80
1.0
49.9
8.02
5
P4KE39A
P4KE39CA
33.30
37.05
40.95
1.0
53.9
7.42
5
P4KE43A
P4KE43CA
36.80
40.85
45.15
1.0
59.3
6.75
5
P4KE47A
P4KE47CA
40.20
44.65
49.35
1.0
64.8
6.17
5
P4KE51A
P4KE51CA
43.60
48.45
53.55
1.0
70.1
5.71
5
P4KE56A
P4KE56CA
47.80
53.20
58.80
1.0
77.0
5.19
5
P4KE62A
P4KE62CA
53.00
58.90
65.10
1.0
85.0
4.71
5
P4KE68A
P4KE68CA
58.10
64.60
71.40
1.0
92.0
4.35
5
P4KE75A
P4KE75CA
64.10
71.25
78.75
1.0
103.0
3.88
5
P4KE82A
P4KE82CA
70.10
77.90
86.10
1.0
113.0
3.54
5
P4KE91A
P4KE91CA
77.80
86.45
95.50
1.0
125.0
3.20
5
P4KE100A P4KE100CA
85.50
95.00
105.00
1.0
137.0
2.92
5
P4KE110A P4KE110CA
94.00
104.50
115.50
1.0
152.0
2.63
5
P4KE120A P4KE120CA
102.00
114.00
126.00
1.0
165.0
2.42
5
P4KE130A P4KE130CA
111.00
123.50
136.50
1.0
179.0
2.23
5
P4KE150A P4KE150CA
128.00
142.50
157.50
1.0
207.0
1.93
5
P4KE160A P4KE160CA
136.00
152.00
168.00
1.0
219.0
1.83
5
P4KE170A P4KE170CA
145.00
161.50
178.50
1.0
234.0
1.71
5
P4KE180A P4KE180CA
154.00
171.00
189.00
1.0
246.0
1.63
5
P4KE200A P4KE200CA
171.00
190.00
210.00
1.0
274.0
1.46
5
P4KE220A P4KE220CA
185.00
209.00
231.00
1.0
328.0
1.22
5
P4KE250A P4KE250CA
214
237.5
262.5
1.0
344
1.16
5
P4KE300A P4KE300CA
256
285
315
1.0
414
0.97
5
P4KE350A P4KE350CA
299
332.5
367.5
1.0
482
0.83
5
P4KE380A P4KE380CA
325
361
399
1.0
524
0.76
5
P4KE400A P4KE400CA
342
380
420
1.0
552
0.72
5
P4KE440A P4KE440CA
376
418
462
1.0
607
0.66
5
Notes:
1.
Suffix “A” denotes 5% tolerance device.
2.
For bi-Directional devices having VR of 10volt and under, the IR limit is double



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com