Electronic Components Datasheet Search
  English  ▼

X  

DS1221 Datasheet(PDF) 2 Page - TT Electronics.

Part # DS1221
Description  Platon Screwed Metal Tube VA Flowmeter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

DS1221 Datasheet(HTML) 2 Page - TT Electronics.

  DS1221 Datasheet HTML 1Page - TT Electronics. DS1221 Datasheet HTML 2Page - TT Electronics. DS1221 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Platon Screwed Metal Tube VA
Flowmeter
DS1221
© TT Electronics plc
Issue B 7/2017
Page 2
TT Electronics | Roxspur Measurement & Control Ltd
2 Downgate Drive, Sheffield, S4 8BT, England |Ph: +44(0)114 244 2521
www.roxspur.com | sales@roxspur.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
SPECIFICATION
Body Materials
Float & Float Guidelines
Indicator Housing
Connections
Scale Length
Turndown
Accuracy
Hysteresis
Pressure
Temperature Max
Min
Dashpot Damper
Natural Gas
Approvals
GMTB: Brass
GMTS: 316 Stainless Steel
316 Stainless Steel
Aluminum alloy LM25M polyester coated, weather-
proofed to IP65
BSP or NPT female thread sizes 1/2”,1”,2”
100mm, 150 degrees.
Air or water. Standard scales. Custom scales availa-
ble to order
Typically 10:1
±2% FSD
Less than 0.5%
GMTB: 75 bar
GMTS: 100 bar
200˚C
-50˚C (Based on Ambient of 20oC)
To smooth out flow fluctuations and noise on gas
flows, a dashpot damper is built in. This is suitable
for clean gases where particulate matter is less than
50 microns.
Std variants available for low pressure drop applica-
tions, using PVC float assemblies See catalogue for
full details. Specify line pressure and flow range
when enquiring.
CRN (Contact sales for details)
•Calibration for different liquids or gases or for non-
standard operating process conditions
•Flow alarm outputs (GMTA) or analogue 4-20mA
(GMTX, DS1225) outputs, with CENELEC approval if
required
•Higher pressure or temperature models
•Alternative materials
•Flanged and hygienic connections
•Hygienically polished
•PTFE lined flanged units
•Special models for Oxygen service, including all
brass designs. Stainless Steel flanged versions of the
GMT flowmeter are described in Roxspur data
DS1220
OPTIONS AVAILABLE
INSTALLATION NOTES
1.
The instrument should be installed vertically in the pipework with the direction
of flow vertically upwards.
2.
Ensure that any ferromagnetic material is clear of the body and indicator case
by 100mm minimum.
3.
The upstream and downstream pipe bores should be the same nominal size as
the instrument. Straight pipe lengths of 5 diameters upstream and 2 diameters
downstream should be provided if possible.
4.
Before the meter is installed, the pipeline should be checked, cleaned and
flushed to eliminate any foreign matter. An appropriate filter should be fitted
upstream if any particle present is likely to be greater than 50 microns.
5.
Solenoid valves should not be used where they act directly on the instrument.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com