Electronic Components Datasheet Search
  English  ▼

X  

DS1221 Datasheet(PDF) 3 Page - TT Electronics.

Part # DS1221
Description  Platon Screwed Metal Tube VA Flowmeter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

DS1221 Datasheet(HTML) 3 Page - TT Electronics.

  DS1221 Datasheet HTML 1Page - TT Electronics. DS1221 Datasheet HTML 2Page - TT Electronics. DS1221 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Platon Screwed Metal Tube VA
Flowmeter
DS1221
© TT Electronics plc
Issue B 7/2017
Page 3
TT Electronics | Roxspur Measurement & Control Ltd
2 Downgate Drive, Sheffield, S4 8BT, England |Ph: +44(0)114 244 2521
www.roxspur.com | sales@roxspur.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Size
Model
Max Water
Flow
L/h 20˚C
Max Air Flow
M³/h at 20˚C,
1.013 bar abs
Pressure Drop at
Max Flow
(mbar)
15mm
25mm
50mm
GMT*151┼
GMT*152┼
GMT*153┼
GMT*154┼
GMT*251┼
GMT*252┼
GMT*253┼
GMT*254┼
GMT*255┼
GMT*351┼
GMT*352┼
GMT*353┼
GMT*354┼
160
250
400
600
1000
1600
2500
4000
6000
6000
10000
16000
25000
5
7.5
12
18
30
50
75
120
200
180
300
600
1000
15
30
20
35
15
30
35
80
160
30
40
80
190
*
In the model code, GMTB represents Brass and GMTS Stainless Steel flow tube construction.
┼
The final suffix is L for Liquid and G for Gas operation
Every effort has been made during the preparation of this document to ensure the accuracy of statements and specifications. However, we
do not accept liability for damage, injury, loss or expense caused by errors or omissions made. We reserve the right to withdraw or amend
products or documentation without notice.
Head Office: 2 Downgate Drive, Sheffield, S4 8BT, England
Tel: +44(0)114 244 2521
Fax: +44(0)114 243 4838



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com