Electronic Components Datasheet Search
  English  ▼

X  

DLPR410 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DLPR410
Description  Configuration PROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPR410 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DLPR410 Datasheet HTML 4Page - Texas Instruments DLPR410 Datasheet HTML 5Page - Texas Instruments DLPR410 Datasheet HTML 6Page - Texas Instruments DLPR410 Datasheet HTML 7Page - Texas Instruments DLPR410 Datasheet HTML 8Page - Texas Instruments DLPR410 Datasheet HTML 9Page - Texas Instruments DLPR410 Datasheet HTML 10Page - Texas Instruments DLPR410 Datasheet HTML 11Page - Texas Instruments DLPR410 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
DLPR410
TCK
TDI
TMS
OE/RESET
CLKOUT
CE
CF
EN_EXT_SEL
REV_SEL0
REV_SEL1
D0
TDO
CEO
8
DLPR410
DLPS027E – AUGUST 2012 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: DLPR410
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The configuration bit stream stored in the DLPR410 device supports reliable operation of the DLPC410 device
with the DLP650LNIR, DLP7000, DLP7000UV, DLP9500, and DLP9500UV DMDs. The DLPC410 digital
controller loads this configuration bit stream from the DLPR410 device.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Data Interface
8.3.1.1 Data Outputs
The DLPR410 device s configured for serial mode operation, where D0 is the data output pin. D0 output pin
provides a serial connection to the DLPC410, where the configuration is read out by the DLPC410.
8.3.1.2 Configuration Clock Input
The configuration CLK is connected to the DLPC410 in Master Serial mode, where the DLPC410 provides the
clock pulses to read the configuration from the DLPR410 device.
8.3.1.3 Output Enable and Reset
When the OE/RESET input is held low, the address counter is reset and the Data and CLKOUT outputs are
placed in high-impedance state. OE/RESET must be pulled High using an external 4.7-kΩ pull-up to VCCO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com