Electronic Components Datasheet Search
  English  ▼

X  

DLPR410 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DLPR410
Description  Configuration PROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPR410 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DLPR410 Datasheet HTML 8Page - Texas Instruments DLPR410 Datasheet HTML 9Page - Texas Instruments DLPR410 Datasheet HTML 10Page - Texas Instruments DLPR410 Datasheet HTML 11Page - Texas Instruments DLPR410 Datasheet HTML 12Page - Texas Instruments DLPR410 Datasheet HTML 13Page - Texas Instruments DLPR410 Datasheet HTML 14Page - Texas Instruments DLPR410 Datasheet HTML 15Page - Texas Instruments DLPR410 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
DLPR410 A YVA
Package Type
Device Descriptor
Revision
12
DLPR410
DLPS027E – AUGUST 2012 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: DLPR410
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
10 Power Supply Recommendations
The DLPR410 uses two power supply rails as shown in Table 1.
Table 1. DLPR410 Power Supply Rails
SUPPLY
POWER PINS
COMMENTS
1.8 V
VCCINT1, VCCINT2, and VCCINT3
All VCCINT pins must be connected with a 0.1-µF
decoupling capacitor to GND.
2.5 V
VCCO1,VCCO2,VCCO3, VCCO4, and VCCJ
All VCCO and VCCJ pins must be connected with a 0.1-
µF decoupling capacitor to GND.
11 Layout
11.1 Layout Guidelines
The DLPR410 is part of a multi-chipset solution, and it is required to be coupled with the DLPC410 for reliable
operation of the DLP650LNIR, DLP7000, DLP7000UV, DLP9500, and DLP9500UV DMDs. Refer to the
DLPC410 datasheet listed in Table 3 for a layout example for this multi-chipset solution.
(1)
Refers to the DDC_Version(3:0) output pins on the DLPC410 once configured by this Configuration PROM. See the DLPC410
datasheet (DLPS024) for more information.
(2)
Refer to each individual DMD datasheet under Device and Documentation Support for more DMD information.
12 Device and Documentation Support
12.1 Device Support
12.1.1 Device Compatibility
TI PART NUMBER
DDC_Version(3:0)(1)
Compatible DMDs (2)
DLPR410YVA
5
DLP7000BFLP, DLP7000UVFLP, DLP9500BFLN, DLP9500UVFLN
DLPR410AYVA
7
DLP650LNIRFYL, DLP7000BFLP, DLP7000UVFLP, DLP9500BFLN, DLP9500UVFLN
12.1.2 Device Nomenclature
The device nomenclature is as shown in Figure 3 The part number description for previous and currently
available part numbers is shown in Table 2
Figure 3. Device Nomenclature
Table 2. Part Number Description
TI PART NUMBER
DESCRIPTION
REFERENCE NUMBER
DLPR410YVA
DLPR410 Configuration PROM
2510442-0005
DLPR410AYVA
DLPR410A Configuration PROM (Adds compatibility with DLP650LNIR)
DLPR410AYVA
12.1.3 Device Markings
Figure 4 shows the previous device marking for the DLPR410 device. For the DLPR410A, this device marking
nomenclature has been updated to use the DLPR410A device part number instead of the previous 2510442
marking, as shown in Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com