Electronic Components Datasheet Search
  English  ▼

X  

MIC921 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC921
Description  45MHz Low-Power SC-70 Op Amp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC921 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC921 Datasheet HTML 2Page - Micrel Semiconductor MIC921 Datasheet HTML 3Page - Micrel Semiconductor MIC921 Datasheet HTML 4Page - Micrel Semiconductor MIC921 Datasheet HTML 5Page - Micrel Semiconductor MIC921 Datasheet HTML 6Page - Micrel Semiconductor MIC921 Datasheet HTML 7Page - Micrel Semiconductor MIC921 Datasheet HTML 8Page - Micrel Semiconductor MIC921 Datasheet HTML 9Page - Micrel Semiconductor MIC921 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MIC921
Micrel
MIC921
6
December 2001
0
0.5
1.0
1.5
2.0
2.5
10
100
1000
10000 100000
FREQUENCY (Hz)
Current Noise Density
vs. Frequency
-50
-40
-30
-20
-10
0
10
20
30
40
50
FREQUENCY (Hz)
Closed-Loop Gain
vs. Frequency
V
± = ±9V
1000pF
800pF
400pF
100pF
200pF
50pF
1.7pF
100k
1M
10M
100M
600pF
-50
-40
-30
-20
-10
0
10
20
30
40
50
FREQUENCY (Hz)
Closed-Loop Gain
vs. Frequency
V
± = ±5V
1000pF
800pF
400pF
100pF
200pF
50pF
1.7pF
100k
1M
10M
100M
600pF
-50
-40
-30
-20
-10
0
10
20
30
40
50
FREQUENCY (Hz)
Open-Loop Gain
vs. Frequency
1000pF
400pF
100pF
200pF
50pF
1.7pF
100k
1M
10M
100M
600pF
V
± = ±5V
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Bias Current vs.
Temperature
V
± = ±9V
V
± = ±5V
-50
-40
-30
-20
-10
0
10
20
30
40
50
FREQUENCY (Hz)
Open-Loop Gain
vs. Frequency
1000pF
400pF
100pF
200pF
50pF
1.7pF
100k
1M
10M
100M
600pF
V
± = ±9V
0
10
20
30
40
50
60
70
10
100
1000
10000 100000
FREQUENCY (Hz)
Voltage Noise Density
vs. Frequency
-100
-80
-60
-40
-20
0
20
40
60
80
100
FREQUENCY (Hz)
Open-Loop
Frequency Response
(100
Ω)
(no load)
Phase
Gain
(100
Ω)
V
± = ±5V
100k
1M
10M
100M
-225
-180
-135
-90
-45
0
45
90
135
180
225
-100
-80
-60
-40
-20
0
20
40
60
80
100
FREQUENCY (Hz)
Open-Loop
Frequency Response
(100
Ω)
(no load)
Phase
Gain
(100
Ω)
V
± = ±9V
-225
-180
-135
-90
-45
0
45
90
135
180
225
20
25
30
35
40
45
50
02468
10
SUPPLY VOLTAGE (V)
Gain Bandwidth and Phase
Margin vs. Supply Voltage
Phase Margin
Gain Bandwidth
0
5
10
15
20
25
30
35
40
CAPACITIVE LOAD (pF)
Gain Bandwidth and Phase
Margin vs. Load
V
± = ±5V
Gain Bandwidth
0
10
20
30
40
50
60
Phase Margin
0
5
10
15
20
25
30
35
40
45
CAPACITIVE LOAD (pF)
Gain Bandwidth and Phase
Margin vs. Load
V
± = ±9V
Gain Bandwidth
0
10
20
30
40
50
60
Phase Margin



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com