Electronic Components Datasheet Search
  English  ▼

X  

MIC921 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC921
Description  45MHz Low-Power SC-70 Op Amp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC921 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC921 Datasheet HTML 3Page - Micrel Semiconductor MIC921 Datasheet HTML 4Page - Micrel Semiconductor MIC921 Datasheet HTML 5Page - Micrel Semiconductor MIC921 Datasheet HTML 6Page - Micrel Semiconductor MIC921 Datasheet HTML 7Page - Micrel Semiconductor MIC921 Datasheet HTML 8Page - Micrel Semiconductor MIC921 Datasheet HTML 9Page - Micrel Semiconductor MIC921 Datasheet HTML 10Page - Micrel Semiconductor MIC921 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MIC921
Micrel
MIC921
10
December 2001
Applications Information
The MIC921 is a high-speed, voltage-feedback operational
amplifier featuring very low supply current and excellent
stability. This device is unity gain stable, capable of driving
high capacitance loads.
Driving High Capacitance
The MIC921 is stable when driving high capacitance, making
it ideal for driving long coaxial cables or other high-capaci-
tance loads. Most high-speed op amps are only able to drive
limited capacitance.
Note: increasing load capacitance does reduce
the speed of the device. In applications where
the load capacitance reduces the speed of the
op amp to an unacceptable level, the effect of
the load capacitance can be reduced by adding
a small resistor (<100
Ω) in series with the
output.
Feedback Resistor Selection
Conventional op amp gain configurations and resistor selec-
tion apply, the MIC921 is NOT a current feedback device.
Also, for minimum peaking, the feedback resistor should
have low parasitic capacitance, usually 470
Ω is ideal. To use
the part as a follower, the output should be connected to input
via a short wire.
Layout Considerations
All high speed devices require careful PCB layout. The
following guidelines should be observed: Capacitance, par-
ticularly on the two inputs pins will degrade performance;
avoid large copper traces to the inputs. Keep the output signal
away from the inputs and use a ground plane.
It is important to ensure adequate supply bypassing capaci-
tors are located close to the device.
Power Supply Bypassing
Regular supply bypassing techniques are recommended. A
10
µF capacitor in parallel with a 0.1µF capacitor on both the
positive and negative supplies are ideal. For best perfor-
mance all bypassing capacitors should be located as close to
the op amp as possible and all capacitors should be low ESL
(equivalent series inductance), ESR (equivalent series resis-
tance). Surface-mount ceramic capacitors are ideal.
Thermal Considerations
The SC70-5 package, like all small packages, has a high
thermal resistance. It is important to ensure the IC does not
exceed the maximum operating junction (die) temperature of
85
°C. The part can be operated up to the absolute maximum
temperature rating of 125
°C, but between 85°C and 125°C
performance will degrade, in particular CMRR will reduce.
An MIC921 with no load, dissipates power equal to the
quiescent supply current * supply voltage
PV
V
I
DV
V
S
(no load) =−
()
+−
When a load is added, the additional power is dissipated in
the output stage of the op amp. The power dissipated in the
device is a function of supply voltage, output voltage and
output current.
PV
V
I
DV
OUT
OUT
(output stage) =−
()
+
Total Power Dissipation
P
P
DD
t
=+
(no load)
(outpu stage)
Ensure the total power dissipated in the device is no greater
than the thermal capacity of the package. The SC70-5
package has a thermal resistance of 450
°C/W.
Max AllowablePowerDissipation
TT
JA
.
=
−
°
(max)
(max)
450 C / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com