Electronic Components Datasheet Search
  English  ▼

X  

400RG Datasheet(PDF) 3 Page - Insel Rectifier India Pvt. Ltd.

Part # 400RG
Description  POWER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

400RG Datasheet(HTML) 3 Page - Insel Rectifier India Pvt. Ltd.

  400RG Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. 400RG Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. 400RG Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.rectifierindia.com
April 2011
Insel Rectifiers (India) Pvt. Ltd.
(An ISO 9001:2015, 14001:2015 Certified Company)
Plot No 151, Udyog Kendra, Extn.-II, Ecotech-III, Greater Noida-201306
Toll Free No : 1800 3070 9989, Fax : 011-27491404,
E-mail :
sales@rectifierindia.com
3
PACKAGE OUTLINE
400NG, 400RG
400NF, 400RF
All dimensions are in mm.
22 Max.
40
10.2
A
C
A
C
NG
RG
A
C
A
C
NF
RF
POWER DIODE
400NG/400RG,400NF/400RF
M20X1.5
32A/F
10.2
22 Max.
insel@rectifierindia.com,



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com