Electronic Components Datasheet Search
  English  ▼

X  

400RG Datasheet(PDF) 1 Page - Insel Rectifier India Pvt. Ltd.

Part # 400RG
Description  POWER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

400RG Datasheet(HTML) 1 Page - Insel Rectifier India Pvt. Ltd.

  400RG Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. 400RG Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. 400RG Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
www.rectifierindia.com
April 2011
Available in Normal & Reverse Polarity
DO-9
All Diffused Series
Industrial Grade
Available in Avalanche Characteristic
TYPICAL APPLICATIONS
VRRM
(V)
VRSM
(V)
400NG40,400RG40
400NF40,400RF40
400
500
1200
1300
1600
SYMBOL
CONDITIONS
IF(AV)
Maximum average forward Current TC = 125
0C
400A
VFM
1.62 V
IFSM
8250 A
2
I t
Max. I
2t rating (non-rep.) for 10 msec
340000A
2 Sec
IRRM
Peak reverse current at Tvj = 150
0C
50 mA
V0
Tvj=max
R0
Tvj=max
0.80 V
0.
m
Rth(j-c)
Rth(c-h)
Rth(c-h)
Tvj
Tstg
Maximum thermal resistance ( Junction to case)
Maximum thermal resistance ( Case to heat sink)(
)
Maximum thermal resistance ( Case to heat sink)(N ,R )
Junction temperature
Storage temperature
0.12 qC/W
0.08 qC/W
0.02 qC/W
180 qC
200 qC
Mounting torque
30 Nm
Weight
Approx.
Package Outline
STUD
400NG120,400RG120
400NF120,400RF120
400NG160,400RG160
400NF160,400RF160
POWER DIODE
400NG/400RG,400NF/400RF
FEATURES
G,F
NG,RG
F F
Maximum peak forward Voltage drop @ Rated I F (Peak)
Maximum peak one cycle (non-rep.) surge current 10 msec
330 gms
5
DEVICE TYPE
3
TECHNICAL DATA
Machine tool controls
Power supplies
Battery chargers
Welders
1700
VALUES


Similar Part No. - 400RG

ManufacturerPart #DatasheetDescription
logo
Insel Rectifier India P...
400RF IRI-400RF Datasheet
589Kb / 4P
POWER DIODE
400RF120 IRI-400RF120 Datasheet
589Kb / 4P
POWER DIODE
400RF160 IRI-400RF160 Datasheet
589Kb / 4P
POWER DIODE
400RF40 IRI-400RF40 Datasheet
589Kb / 4P
POWER DIODE
400RJ IRI-400RJ Datasheet
589Kb / 4P
POWER DIODE
More results

Similar Description - 400RG

ManufacturerPart #DatasheetDescription
logo
Insel Rectifier India P...
6NA IRI-6NA Datasheet
541Kb / 3P
POWER DIODE
25NA IRI-25NA Datasheet
414Kb / 3P
POWER DIODE
70NC IRI-70NC Datasheet
364Kb / 3P
POWER DIODE
350NG IRI-350NG Datasheet
607Kb / 3P
POWER DIODE
400NJ IRI-400NJ Datasheet
589Kb / 4P
POWER DIODE
410NU IRI-410NU Datasheet
882Kb / 4P
POWER DIODE
570NU IRI-570NU Datasheet
656Kb / 5P
POWER DIODE
860NU IRI-860NU Datasheet
1Mb / 5P
POWER DIODE
82PF IRI-82PF_V01 Datasheet
1Mb / 4P
POWER DIODE
40029131 IRI-40029131 Datasheet
2Mb / 3P
POWER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com