Electronic Components Datasheet Search
  English  ▼

X  

400RF Datasheet(PDF) 2 Page - Insel Rectifier India Pvt. Ltd.

Part # 400RF
Description  POWER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

400RF Datasheet(HTML) 2 Page - Insel Rectifier India Pvt. Ltd.

  400RF Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. 400RF Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. 400RF Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd. 400RF Datasheet HTML 4Page - Insel Rectifier India Pvt. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
110
120
130
140
150
160
170
180
190
0
50 100 150 200 250 300 350 400 450
30
60
90
120
180
Average Forwa rd Current (A )
Co nd uc ti
on Ang l
e
400U....Series
R
(D C )= 0.11 K/W
thJC
100
110
120
130
140
150
160
170
180
190
0
100
200
300
400
500
600
700
DC
30
60
90
120
180
Co nd uc tion Pe riod
Average Forwa rd Current(A )
400U....Series
R
(DC ) = 0.11 K/W
thJC
10
30
50
70
90 110 130 150 170 190
Ma xi
mum Al
l
ow ab l
e Am b i
entTem peratur
e (C )
0.
2
K/
W
0.
3
K
/W
0.
4 K
/W
0.6
K/W
1 K/
W
1.8 K/W
0
50
100
150
200
250
300
350
400
450
500
550
0
50
100 150 200 250 300 350 400
180
120
90
60
30
RM S Li
mi
t
Cond uc ti
on Ang le
Ave rage Forwa rd Current(A)
400U....Series
T = 190 C
J
10
30
50
70
90 110 130 150 170 190
Ma xi
mum All
ow ab l
e Am b i
entTe m pe rature (C )
0.2
K/W
0.3
K/W
0.4
K/W
0.6
K/W
1 K/W
0.
1
K
/W
1.8 K/W
0
100
200
300
400
500
600
700
800
0
100
200
300
400
500
600
700
DC
180
120
90
60
30
RM S Li
mit
Co nd uc ti
on Pe riod
Average Fo rwa rd Current(A )
400U....Series
T = 190 C
J
INTERNATIONAL
2
www.rectifierindia.com
April 2011
POWER DIODE
400NJ /400RJ, 400NF/400RF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com