Electronic Components Datasheet Search
  English  ▼

X  

400RF Datasheet(PDF) 3 Page - Insel Rectifier India Pvt. Ltd.

Part # 400RF
Description  POWER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

400RF Datasheet(HTML) 3 Page - Insel Rectifier India Pvt. Ltd.

  400RF Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. 400RF Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. 400RF Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd. 400RF Datasheet HTML 4Page - Insel Rectifier India Pvt. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
INTERNATIONAL
3
www.rectifierindia.com
April 2011
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Thermal Impedance Z
thJC Characteristic
2000
3000
4000
5000
6000
7000
8000
110
100
Num b e rOfEq ua lAm p li
tud e Ha lfCyc l
e Curr
entPul
se s(N)
400U....Series
Ini
ti
alT = 190 C
@ 50 Hz 0.0100 s
J
AtAny Ra ted Loa d Cond i
tion And With
Ra ted V
App l
ied Foll
ow i
ng Surge.
RRM
1000
2000
3000
4000
5000
6000
7000
8000
9000
0.01
0.11
Pul
se Trai
n Durati
on (s)
Ve rsusPul
se Trai
n Durati
on.
Ma xi
mum No n Repeti
ti
ve Surge Current
Ini
ti
alT = 190 C
No Vol
tage Reapp li
ed
Ra ted V
Reapp li
ed
RRM
J
400U....Series
100
1000
10000
0.5
1
1.52
2.5
T = 25 C
J
I
nstantaneous Forwa rd Voltage (V )
400U....Series
T = 190 C
J
0.001
0.01
0.1
1
0.001
0.01
0.11
10
Sq ua re Wa ve Pul
se Durati
on (s)
400U....Series
Stead y Sta te Va l
ue:
R
= 0.11 K/W
(D C Operati
on)
thJC
POWER DIODE
400NJ /400RJ, 400NF/400RF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com