Electronic Components Datasheet Search
  English  ▼

X  

NLSF457 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLSF457
Description  Special Function Logic Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSF457 Datasheet(HTML) 4 Page - ON Semiconductor

  NLSF457 Datasheet HTML 1Page - ON Semiconductor NLSF457 Datasheet HTML 2Page - ON Semiconductor NLSF457 Datasheet HTML 3Page - ON Semiconductor NLSF457 Datasheet HTML 4Page - ON Semiconductor NLSF457 Datasheet HTML 5Page - ON Semiconductor NLSF457 Datasheet HTML 6Page - ON Semiconductor NLSF457 Datasheet HTML 7Page - ON Semiconductor NLSF457 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NLSF457
www.onsemi.com
4
DC ELECTRICAL CHARACTERISTICS
Conditions
VCC (V)
TA = 25°C
TA = −55°C to +125°C
Symbol
Parameter
Min
Typ
Max
Min
Max
Unit
VIH
High−Level
Input Voltage
1.65 to 1.95
0.65 x VCC
−
−
0.65 x VCC
−
V
2.3 to 5.5
0.70 x VCC
−
−
0.70 x VCC
−
VIL
Low−Level
Input Voltage
1.65 to 1.95
−
−
0.35 x VCC
−
0.35 x VCC
V
2.3 to 5.5
−
−
0.30 x VCC
−
0.30 x VCC
VOH
High−Level
Output Voltage
VIN = VIH or VIL
IOH = −100 mA
IOH = −4 mA
IOH = −8 mA
IOH = −12 mA
IOH = −16 mA
IOH = −24 mA
IOH = −32 mA
1.65 to 5.5
1.65
2.3
2.7
3.0
3.0
4.5
VCC – 0.1
1.29
1.9
2.2
2.4
2.3
3.8
VCC
1.4
2.1
2.4
2.7
2.5
4.0
−
VCC – 0.1
1.29
1.9
2.2
2.4
2.3
3.8
−
V
VOL
Low−Level
Output Voltage
VIN = VIH or VIL
IOL = 100 mA
IOL = 4 mA
IOL = 8 mA
IOL = 12 mA
IOL = 16 mA
IOL = 24 mA
IOL = 32 mA
1.65 to 5.5
1.65
2.3
2.7
3.0
3.0
4.5
−
0.08
0.2
0.22
0.28
0.38
0.42
0.1
0.24
0.3
0.4
0.4
0.55
0.55
−
0.1
0.24
0.3
0.4
0.4
0.55
0.55
V
IIN
Input Leakage
Current
VIN = 5.5 V or
GND
1.65 to 5.5
−
−
±0.1
−
±1.0
mA
IOFF
Power Off
Leakage Current
VIN = 5.5 V or
VOUT = 5.5 V
0
−
−
1.0
−
10
mA
ICC
Quiescent
Supply Current
VIN = VCC or GND
5.5
−
−
1.0
−
10
mA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 nS)
Conditions
VCC (V)
TA = 25°C
TA = −55°C to +125°C
Symbol
Characteristic
Min
Typ
Max
Min
Max
Unit
tPLH,
tPHL
Propagation Delay,
A to Y
(Figures 3 and 4)
RL = 1 MW, CL = 15 pF
1.65 to 1.95
−
7.7
10
−
10.5
ns
RL = 1 MW, CL = 15 pF
2.3 to 2.7
−
4.2
7.5
−
8.0
RL = 1 MW, CL = 15 pF
3.0 to 3.6
−
3.0
5.2
−
5.5
RL = 500 W, CL = 50 pF
−
3.5
5.7
−
6.0
RL = 1 MW, CL = 15 pF
4.5 to 5.5
−
2.3
4.5
−
4.8
RL = 500 W, CL = 50 pF
−
2.6
5.0
−
5.3
CAPACITAVE CHARACTERISTICS (Input tr = tf = 3.0 nS)
Symbol
Parameter
Test Condition
Typical (TA = 25 5C)
Unit
CIN
Input Capacitance
VCC = 5.5 V, VIN = 0 V or VCC
2.5
pF
COUT
Output Capacitance
VCC = 5.5 V, VIN = 0 V or VCC
2.5
pF
CPD
Power Dissipation Capacitance (Note 5)
10 MHz, VCC = 3.3 V, VIN = 0 V or VCC
9
pF
10 MHz, VCC = 5.5 V, VIN = 0 V or VCC
11
5. CPD is defined as the value of the internal equivalent capacitance which is calculated from the dynamic operating current consumption without
load. Average operating current can be obtained by the equation ICC(OPR) = CPD S VCC S fin + ICC. CPD is used to determine the no−load
dynamic power consumption: PD = CPD S VCC2 S fin + ICC S VCC.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com