Electronic Components Datasheet Search
  English  ▼

X  

NLSF457 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NLSF457
Description  Special Function Logic Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSF457 Datasheet(HTML) 5 Page - ON Semiconductor

  NLSF457 Datasheet HTML 1Page - ON Semiconductor NLSF457 Datasheet HTML 2Page - ON Semiconductor NLSF457 Datasheet HTML 3Page - ON Semiconductor NLSF457 Datasheet HTML 4Page - ON Semiconductor NLSF457 Datasheet HTML 5Page - ON Semiconductor NLSF457 Datasheet HTML 6Page - ON Semiconductor NLSF457 Datasheet HTML 7Page - ON Semiconductor NLSF457 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NLSF457
www.onsemi.com
5
DUT
OPEN
2 x VCC
OUTPUT
RT
GND
INPUT
CL includes probe and jig capacitance
RT is ZOUT of pulse generator (typicaly 50 W)
f = 1 MHz
RL
CL *
R1
Test
Switch
Position
CL, pF
RL, W
R1, W
tPLH / tPHL
Open
See AC Characteristics Table
tPLZ / tPZL
2 x VCC
50
500
500
tPHZ / tPZH
GND
50
500
500
Figure 2. Test Circuit
90%
Vmi
10%
90%
10%
tf = 3 ns
tPHL
VCC
VOH
VOL
GND
INPUT
OUTPUT
OUTPUT
~
0 V
VOH
VOL
tr = 3 ns
Vmi
tPLH
tPHL
tPLH
Vmo
Vmo
Vmo
Vmo
INPUT
OUTPUT
OUTPUT
Vmi
Vmi
tPZL
tPLZ
tPZH
tPHZ
Vmo
Vmo
VCC
VOL
GND
VOH
~VCC
VOL + VY
VOH + VY
Vmo, V
VCC, V
Vmi, V
tPLH, tPHL
tPZL, tPLZ, tPZH, tPHZ
VY, V
1.65 to 1.95
VCC/2
(VOH − VOL)/2
VCC/2
0.15
2.3 to 2.7
VCC/2
(VOH − VOL)/2
VCC/2
0.15
3.0 to 3.6
VCC/2
(VOH − VOL)/2
VCC/2
0.3
4.5 to 5.5
VCC/2
(VOH − VOL)/2
VCC/2
0.3
Figure 3. Switching Waveforms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com