Electronic Components Datasheet Search
  English  ▼

X  

DS2004SD Datasheet(PDF) 3 Page - Insel Rectifier India Pvt. Ltd.

Part # DS2004SD
Description  STANDARD RECOVERY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

DS2004SD Datasheet(HTML) 3 Page - Insel Rectifier India Pvt. Ltd.

  DS2004SD Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. DS2004SD Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. DS2004SD Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd. DS2004SD Datasheet HTML 4Page - Insel Rectifier India Pvt. Ltd. DS2004SD Datasheet HTML 5Page - Insel Rectifier India Pvt. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
INTERNATIONAL
3
www.rectifierindia.com
April 2011
CHARACTERISTICS
Forward voltage
Peak reverse current
Parameter
μC
2500
At T
vj = 175˚C
-
Q
S
Total stored charge
Symbol
V
FM
I
RRM
I
RR
Peak recovery current
V
TO
Threshold voltage
r
T
Slope resistance
0.16
m
Ω
At T
vj = 175˚C
-
0.82
V
-
105
A
-
At V
RRM, Tcase = 175
oC-
50
mA
-
1.3
V
At 3400A peak, T
case = 25
oC
Conditions
Min.
Max.
Units
I
F = 2000A, dIRR/dt = 3A/μs,
T
case = 175˚C, VR = 100V
CURVES
Fig.2 Maximum (limit) forward characteristics
Fig.3 Dissipation curves
V
FM
Equation:-
V
FM
= A + Bln (I
F
) + C.I
F
+D.
√I
F
Where
A = –0.23148
B = 0.203801
C = 0.00023
D = –0.0443
these values are valid for T
j
= 125˚C for I
F
500A to 5000A
0.5
1.0
1.5
2.0
Instantaneous forward voltage, VF - (V)
0
1000
2000
3000
4000
5000
Measured under pulse
conditions
Tj = 25˚C
Tj = 175˚C
0
1000
2000
3000
4000
Mean forward current, IF(AV) - (A)
0
1000
2000
3000
4000
5000
dc
Half wave
3 phase
6 phase
STANDARD RECOVERY DIODE
DS2004SD



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com