Electronic Components Datasheet Search
  English  ▼

X  

DS2004SD Datasheet(PDF) 1 Page - Insel Rectifier India Pvt. Ltd.

Part # DS2004SD
Description  STANDARD RECOVERY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

DS2004SD Datasheet(HTML) 1 Page - Insel Rectifier India Pvt. Ltd.

  DS2004SD Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. DS2004SD Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. DS2004SD Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd. DS2004SD Datasheet HTML 4Page - Insel Rectifier India Pvt. Ltd. DS2004SD Datasheet HTML 5Page - Insel Rectifier India Pvt. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
Wide current range
High voltage ratings up to 2800 V
High surge current capabilities
Diffused junction
TYPICAL APPLICATIONS
Converters
Power supplies
Machine tool controls
High power drives
Medium traction applications
INTERNATIONAL
STANDARD RECOVERY DIODE
(D)
TECHNICAL DATA
VRRM
(V)
VRSM
(V)
1
www.rectifierindia.com
April 2011
DEVICE TYPE
DS2004SD2828
CURRENT RATINGS
T
case = 75
oC unless otherwise stated
2800
2600
2400
DS2004SD2626
DS2004SD2424
2700
2500
DS2004SD
Symbol
Parameter
Conditions
Double Side Cooled
I
F(AV)
Mean forward current
I
F(RMS)
RMS value
I
F
Continuous (direct) forward current
Single Side Cooled (Anode side)
I
F(AV)
Mean forward current
I
F(RMS)
RMS value
I
F
Continuous (direct) forward current
Units
Max.
Half wave resistive load
2372
A
-
3726
A
-
3352
A
Half wave resistive load
1684
A
-
2645
A
-
2235
A
2900


Similar Part No. - DS2004SD

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DS2004SF DYNEX-DS2004SF Datasheet
91Kb / 7P
Rectifier Diode
DS2004SF24 DYNEX-DS2004SF24 Datasheet
91Kb / 7P
Rectifier Diode
DS2004SF25 DYNEX-DS2004SF25 Datasheet
91Kb / 7P
Rectifier Diode
DS2004SF26 DYNEX-DS2004SF26 Datasheet
91Kb / 7P
Rectifier Diode
DS2004SF27 DYNEX-DS2004SF27 Datasheet
91Kb / 7P
Rectifier Diode
More results

Similar Description - DS2004SD

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
10DDA20 NI-10DDA20_15 Datasheet
138Kb / 1P
Standard Recovery Diode
10EDA10 NI-10EDA10_15 Datasheet
141Kb / 1P
Standard Recovery Diode
10JDA10 NI-10JDA10_15 Datasheet
141Kb / 1P
Standard Recovery Diode
10JDA20 NI-10JDA20_15 Datasheet
137Kb / 1P
Standard Recovery Diode
20KDA20 NI-20KDA20_15 Datasheet
145Kb / 1P
Standard Recovery Diode
20KDA60 NI-20KDA60_15 Datasheet
145Kb / 1P
Standard Recovery Diode
30PDA10 NI-30PDA10_15 Datasheet
145Kb / 1P
Standard Recovery Diode
30PDA40 NI-30PDA40_15 Datasheet
145Kb / 1P
Standard Recovery Diode
logo
Insel Rectifier India P...
DS2012SF IRI-DS2012SF Datasheet
464Kb / 5P
STANDARD RECOVERY DIODE
DS2002SD IRI-DS2002SD Datasheet
423Kb / 5P
STANDARD RECOVERY DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com