Electronic Components Datasheet Search
  English  ▼

X  

STPS1L30 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS1L30
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L30 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS1L30 Datasheet HTML 1Page - STMicroelectronics STPS1L30 Datasheet HTML 2Page - STMicroelectronics STPS1L30 Datasheet HTML 3Page - STMicroelectronics STPS1L30 Datasheet HTML 4Page - STMicroelectronics STPS1L30 Datasheet HTML 5Page - STMicroelectronics STPS1L30 Datasheet HTML 6Page - STMicroelectronics STPS1L30 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
®
1/7
Table 1: Main Product Characteristics
IF(AV)
1 A
VRRM
30 V
Tj (max)
150°C
VF(max)
0.3 V
STPS1L30
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 6
Table 3: Absolute Ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
30
V
IF(RMS) RMS forward voltage
10
A
IF(AV)
Average forward current
TL = 135°C δ = 0.5
1A
IFSM
Surge non repetitive forward current
tp = 10ms sinusoidal
75
A
IRRM
Repetitive peak reverse current
tp = 2µs F = 1kHz square
1
A
IRSM
Non repetitive peak reverse current
tp = 100µs square
1
A
PARM
Repetitive peak avalanche power
tp = 1µs Tj = 25°C
1500
W
Tstg
Storage temperature range
-65 to + 150
°C
Tj
Maximum operating junction temperature *
150
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
* :
thermal runaway condition for a diode on its own heatsink
dPtot
dTj
---------------
1
Rth j
a
–
()
--------------------------
>
SMA
(JEDEC DO-214AC)
STPS1L30A
SMB
(JEDEC DO-214AA)
STPS1L30U
August 2004
FEATURES AND BENEFITS
■ Very low forward voltage drop for less power
dissipation
■ Optimized conduction/reverse losses trade-off
which
means
the
highest
yield
in
the
applications
■ Surface mount miniature packages
■ Avalanche capability specified
DESCRIPTION
Single Schottky rectifier suited to Switched Mode
Power Supplies and high frequency DC to DC con-
verters, freewheel diode and integrated circuit
latch up protection.
Packaged in SMA and SMB, this device is espe-
cially intended for use in parallel with MOSFETs in
synchronous rectification.
Table 2: Order Codes
Part Number
Marking
STPS1L30A
GB3
STPS1L30U
G23


Similar Part No. - STPS1L30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1L30 STMICROELECTRONICS-STPS1L30 Datasheet
364Kb / 15P
30 V, 1 A low drop power Schottky rectifier
26-Sep-2019
STPS1L30A STMICROELECTRONICS-STPS1L30A Datasheet
75Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1L30A STMICROELECTRONICS-STPS1L30A Datasheet
364Kb / 15P
30 V, 1 A low drop power Schottky rectifier
26-Sep-2019
STPS1L30AFN STMICROELECTRONICS-STPS1L30AFN Datasheet
364Kb / 15P
30 V, 1 A low drop power Schottky rectifier
26-Sep-2019
STPS1L30AU STMICROELECTRONICS-STPS1L30AU Datasheet
75Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Aug-1999
More results

Similar Description - STPS1L30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Nov-1999
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS40L40CT STMICROELECTRONICS-STPS40L40CT_03 Datasheet
77Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS41H100C STMICROELECTRONICS-STPS41H100C_12 Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
Low drop power Schottky rectifier
23-Mar-2007
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com