Electronic Components Datasheet Search
  English  ▼

X  

STPS1L30 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS1L30
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L30 Datasheet(HTML) 4 Page - STMicroelectronics

  STPS1L30 Datasheet HTML 1Page - STMicroelectronics STPS1L30 Datasheet HTML 2Page - STMicroelectronics STPS1L30 Datasheet HTML 3Page - STMicroelectronics STPS1L30 Datasheet HTML 4Page - STMicroelectronics STPS1L30 Datasheet HTML 5Page - STMicroelectronics STPS1L30 Datasheet HTML 6Page - STMicroelectronics STPS1L30 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
STPS1L30
4/7
Figure 11: Forward voltage drop
versus
forward current (typical values, high level)
Figure
12: Forward voltage drop versus
forward current (maximum values, low level)
Figure 13: Thermal resistance junction to
ambient versus copper surface under each
lead (Epoxy printed circuit board FR4, copper
thickness: 35µm) (SMA)
Figure 14: Thermal resistance junction to
ambient versus copper surface under each
lead (Epoxy printed circuit board FR4, copper
thickness: 35µm) (SMB)
I
(A)
FM
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.10
1.00
10.00
T =25°C
j
T =100°C
j
V
(V)
FM
T =150°C
j
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
I
(A)
FM
T =25°C
j
T =125°C
j
V
(V)
FM
T =150°C
(typical values)
j
T =100°C
j
01
2
3
45
0
20
40
60
80
100
120
140
S(Cu)(cm²)
R
(°C/W)
th(j-a)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
20
40
60
80
100
120
S(Cu)(cm²)
R
(°C/W)
th(j-a)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com