Electronic Components Datasheet Search
  English  ▼

X  

OPA202IDBVT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA202IDBVT
Description  Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA202IDBVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA202IDBVT Datasheet HTML 17Page - Texas Instruments OPA202IDBVT Datasheet HTML 18Page - Texas Instruments OPA202IDBVT Datasheet HTML 19Page - Texas Instruments OPA202IDBVT Datasheet HTML 20Page - Texas Instruments OPA202IDBVT Datasheet HTML 21Page - Texas Instruments OPA202IDBVT Datasheet HTML 22Page - Texas Instruments OPA202IDBVT Datasheet HTML 23Page - Texas Instruments OPA202IDBVT Datasheet HTML 24Page - Texas Instruments OPA202IDBVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
Op Amp
Core
R
F
R
L
V
IN
(1)
I
D
OUT
ESD Current-
Steering Diodes
+V
S
V+
TVS
(2)
Edge-Triggered ESD
Absorption Circuit
V±
V
S
TVS
(2)
Copyright © 2017, Texas Instruments Incorporated
100
100
IN
+IN
RS
(3)
RI
21
OPA202
www.ti.com
SBOS812B – OCTOBER 2017 – REVISED DECEMBER 2018
Product Folder Links: OPA202
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Figure 44 shows a specific example where the input voltage, VIN, exceeds the positive supply voltage (+VS) by
500 mV or more. Much of what happens in the circuit depends on the supply characteristics. If +VS can sink the
current, one of the upper input steering diodes conducts and directs current to +VS. Excessively high current
levels can flow with increasingly higher VIN. As a result, the data sheet specifications recommend that
applications limit the input current to 10 mA.
If the supply is not capable of sinking the current, VIN may begin sourcing current to the operational amplifier, and
then take over as the source of positive supply voltage. The danger in this case is that the voltage can rise to
levels that exceed the operational amplifier absolute maximum ratings.
Another common question involves what happens to the amplifier if an input signal is applied to the input while
the power supplies +VS or –VS are at 0 V.
It depends on the supply characteristic while at 0 V, or at a level below the input signal amplitude. If the supplies
appear as high impedance, then the operational amplifier supply current may be supplied by the input source
through the current steering diodes. This state is not a normal bias condition; the amplifier most likely does not
operate normally. If the supplies are low impedance, then the current through the steering diodes can become
quite high. The current level depends on the ability of the input source to deliver current, and any resistance in
the input path.
If there is an uncertainty about the ability of the supply to absorb this current, external Zener diodes may be
added to the supply pins as shown in Figure 44. The Zener voltage must be selected such that the diode does
not turn on during normal operation.
However, the Zener voltage must be low enough so that the Zener diode conducts if the supply pin rises above
the safe operating supply voltage level.
(1)
VIN = +VS + 500 mV.
(2)
TVS: +VS(max) > VTVSBR (Min) > +VS
(3)
Suggested value is approximately 5 kΩ in overvoltage conditions.
Figure 44. Equivalent Internal ESD Circuitry in a Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com