Electronic Components Datasheet Search
  English  ▼

X  

OPA202IDBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA202IDBVT
Description  Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA202IDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA202IDBVT Datasheet HTML 9Page - Texas Instruments OPA202IDBVT Datasheet HTML 10Page - Texas Instruments OPA202IDBVT Datasheet HTML 11Page - Texas Instruments OPA202IDBVT Datasheet HTML 12Page - Texas Instruments OPA202IDBVT Datasheet HTML 13Page - Texas Instruments OPA202IDBVT Datasheet HTML 14Page - Texas Instruments OPA202IDBVT Datasheet HTML 15Page - Texas Instruments OPA202IDBVT Datasheet HTML 16Page - Texas Instruments OPA202IDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
Time (10 µs/div)
Output
Input
C017
Time (5 µs/div)
C017
.01% Settling = “1 mV
Time (25 µs/div)
Input
Output
C017
Time (10 µs/div)
Output
Input
C017
Time (2 µs/div)
C017
V
OUT
V
IN
Time (25 µs/div)
Input
Output
C017
13
OPA202
www.ti.com
SBOS812B – OCTOBER 2017 – REVISED DECEMBER 2018
Product Folder Links: OPA202
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Figure 31. Negative Overload Recovery
G = +1
Figure 32. Small-Signal Step Response (10-mV Step)
G = –1
Figure 33. Small-Signal Step Response (10-mV Step)
G = –1
10-V step
Figure 34. Large-Signal Step Response
G = +1
10-V step
Figure 35. Large-Signal Step Response
10-V step
Figure 36. Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com