Electronic Components Datasheet Search
  English  ▼

X  

UP1537RQKB Datasheet(PDF) 5 Page - uPI Group Inc.

Part # UP1537RQKB
Description  High Performance, Single Synchronous Step-Down Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1537RQKB Datasheet(HTML) 5 Page - uPI Group Inc.

  UP1537RQKB Datasheet HTML 1Page - uPI Group Inc. UP1537RQKB Datasheet HTML 2Page - uPI Group Inc. UP1537RQKB Datasheet HTML 3Page - uPI Group Inc. UP1537RQKB Datasheet HTML 4Page - uPI Group Inc. UP1537RQKB Datasheet HTML 5Page - uPI Group Inc. UP1537RQKB Datasheet HTML 6Page - uPI Group Inc. UP1537RQKB Datasheet HTML 7Page - uPI Group Inc. UP1537RQKB Datasheet HTML 8Page - uPI Group Inc. UP1537RQKB Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
uP1537
5
uP1537-DS-F0000, Feb. 2018
www.upi-semi.com
Functional Description
POK
The uP1537 has POK output that indicates high when
switcher output is within the target. The POK function is
activated after soft-start has finished. If the output voltage
becomes within 90% of the target value, internal
comparators detect POK state and the POK signal
becomes high after a 1ms internal delay. If the output
voltage goes outside of 55% of the target value, the POK
signal becomes low. The POK output is an open-drain
output and should be pulled up externally if used.
Output Discharge Control
When EN is low, the uP1537 discharges the output
capacitor using internal MOSFET connected between
PHASE and GND while high side and low side MOSFETs
are kept off. The current capability of this MOSFET is
limited to discharge slowly.
Over Current Limit
The uP1537 monitors the inductor valley current by low
side MOSFET R
DS(ON) when it turns on. The over current
limit is triggered once the sensing current level is higher
than V
OCSET. When triggered, the over current limit will keep
high side MOSFET off even the voltage loop commands
it to turn on.
The output voltage will decrease if the load continuously
demands more current than current limit level. The current
limit level is set at I
LIM/2 if the output voltage is lower than
90% of its target level, letting V
OUT decrease faster until
UVP occurs and shuts down the uP1537.
The current limit threshold is set by connecting a resistor
from CS to GND. The CS pin will sink a 10µA current
source and create a voltage drop across R
CS as the VOCSET.
V
OCSET = 10µA x RCS. When the voltage drop across the
low side MOSFET equals the voltage across the setting
resistor, the current limit will be activated.
The voltage across PHASE and GND pins is compared
with V
OCSET for current limit. The current limit level is
calculated as:
2
I
R
8
V
I
RIPPLE
)
ON
(
DS
OCSET
LIM
+
×
=
where I
RIPPLE is the peak-to-peak inductor ripple current at
steady state.
Over Voltage/Under Voltage Protection
The uP1537 monitors feedback voltage to detect
overvoltage and undervoltage. When the feedback voltage
becomes higher than 125% of the target voltage, the OVP
is triggered, high side MOSFET is off and low side
MOSFET is on. When the feedback voltage is lower than
55% of the target voltage, the UVP is triggered, then high
side MOSFET and low side MOSFET are latched. This
function is enabled after 1ms following EN has becomes
high.
VCC5 UVLO
The uP1537 has VCC5 under voltage lockout protection
(UVLO) that inhibits switching and resets the protection
faults.
When the VCC5 voltage is lower than UVLO threshold
voltage, all functions are turned off. This is the non-latch
protection.
Over Temperature Protection
The uP1537 monitors the temperature of itself. If the
temperature exceeds typical 150OC, the uP1537 will be
turned off. This is the non-latch protection. It will be
recovered once temperature is lower than 130OC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com