Electronic Components Datasheet Search
  English  ▼

X  

UP1537RQKB Datasheet(PDF) 12 Page - uPI Group Inc.

Part # UP1537RQKB
Description  High Performance, Single Synchronous Step-Down Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1537RQKB Datasheet(HTML) 12 Page - uPI Group Inc.

Back Button UP1537RQKB Datasheet HTML 7Page - uPI Group Inc. UP1537RQKB Datasheet HTML 8Page - uPI Group Inc. UP1537RQKB Datasheet HTML 9Page - uPI Group Inc. UP1537RQKB Datasheet HTML 10Page - uPI Group Inc. UP1537RQKB Datasheet HTML 11Page - uPI Group Inc. UP1537RQKB Datasheet HTML 12Page - uPI Group Inc. UP1537RQKB Datasheet HTML 13Page - uPI Group Inc. UP1537RQKB Datasheet HTML 14Page - uPI Group Inc. UP1537RQKB Datasheet HTML 15Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
uP1537
12
uP1537-DS-F0000, Feb. 2018
www.upi-semi.com
Application Information
Output Inductor Selection
The inductor plays an important role in step-down
converters because it stores the energy from the input
power rail and then releases the energy to the load. From
the viewpoint of efficiency, the dc resistance (DCR) of the
inductor should be as small as possible to minimize the
conduction loss. In addition, the inductor covers a
significant proportion of the board space, so its size is
also important. Low profile inductors can save board space
especially when the height has a limitation. However, low
DCR and low profile inductors usually cost ineffective.
Additionally, larger inductance results in lower ripple
current which translates into the lower power loss.
However, the inductor current rising time increases with
inductance value. This means the transient response will
be slower. Therefore, the inductor design is a trade-off
between performance, size and cost.
In general, the switching frequency (on-time) and operating
point (% ripple or LIR) determine the inductor value as
shown in the following equation:
)
MAX
(
LOAD
OUT
IN
ON
I
LIR
)
V
V
(
t
L
×
−
×
=
where LIR is the ratio of the peak to peak ripple current to
the average inductor current.
Find a low loss inductor having the lowest possible DC
resistance that fits in the allotted dimensions. Ferrite cores
are often the best choices because powdered iron is
inexpensive and can work well at 200kHz. The core must
be large enough not to saturate at the peak inductor
current (I
PEAK):
)
MAX
(
LOAD
)
MAX
(
LOAD
PEAK
I
2
LIR
I
I
×
+
=
The calculation above shall serve as a general reference.
To further improve the transient response, the output
inductance can be reduced even further. This needs to
be considered along with the selection of the output
capacitor.
Output Capacitor Selection
The capacitor value and ESR determine the amount of
output voltage ripple and load transient response. Thus,
the capacitor value must be greater than the largest value
calculated from below equations:
OUT
OUT
2
LOAD
SOAR
V
C
2
L
I
V
×
×
×
∆
=
)
f
C
8
1
ESR
(
I
LIR
V
SW
OUT
)
MAX
(
LOAD
P
P
×
×
+
×
×
=
−
where V
SOAR are the allowable amount of undershoot
voltage and overshoot voltage in the load transient, V
P-P is
the output ripple voltage.
MOSFET Selection
The majority of power loss in the step-down power
converter is the loss in the power MOSFETs. For low
voltage high current applications, the duty cycle of the
upper MOSFET is small. Therefore, the switching loss of
the upper MOSFET is of concern. Power MOSFETs with
lower total gate charge are preferred in such kind of
application. However, the small duty cycle means the lower
MOSFET is on for most of the switching cycle. Therefore,
the conduction loss tends to dominate the total power loss
of the converter.
To improve the overall efficiency, MOSFETs with low R
DS(ON)
are preferred in the circuit design. In some cases, more
than one MOSFET are connected in parallel to further
decrease the on-state resistance. However, this depends
on the MOSFET driver capability and the budget.
Layout Considerations
Layout is very important in high frequency switching
converter designs, the PCB could radiate excessive noise
and contribute to the converter instability with improper
layout. Certain points must be considered before starting
a layout.
1
Place the filter capacitor close to the IC.
2
Keep current limit setting network as close as possible
to the IC. Routing of the network should avoid coupling
to high voltage switching node.
3
Connections from the drivers to the respective gate of
the both MOSFETs should be as short as possible to
reduce stray inductance.
4
All sensitive analog traces and components such as
VFB, GND, EN, POK, and RF should be placed away
from high voltage switching nodes such as PHASE,
LGATE, UGATE, or BOOT nodes to avoid coupling.
Use internal layer(s) as ground plane(s) and shield
the feedback trace from power traces and components.
5
Place the ground terminals of VIN capacitor(s), VOUT
capacitor(s), and source of lower MOSFETs as close
as possible. The PCB trace defined as PHASE node,
which connects to source of upper MOSFET, drain of
lower MOSFET and high voltage side of the inductor,
should be as short and wide as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com