Electronic Components Datasheet Search
  English  ▼

X  

UP1727PDDA Datasheet(PDF) 2 Page - uPI Group Inc.

Part # UP1727PDDA
Description  1.0MHz, 3.0A, High-Efficiency Synchronous-Rectified Buck Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1727PDDA Datasheet(HTML) 2 Page - uPI Group Inc.

  UP1727PDDA Datasheet HTML 1Page - uPI Group Inc. UP1727PDDA Datasheet HTML 2Page - uPI Group Inc. UP1727PDDA Datasheet HTML 3Page - uPI Group Inc. UP1727PDDA Datasheet HTML 4Page - uPI Group Inc. UP1727PDDA Datasheet HTML 5Page - uPI Group Inc. UP1727PDDA Datasheet HTML 6Page - uPI Group Inc. UP1727PDDA Datasheet HTML 7Page - uPI Group Inc. UP1727PDDA Datasheet HTML 8Page - uPI Group Inc. UP1727PDDA Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
uP1727
2
uP1727-DS-F0200, June 2014
www.upi-semi.com
Typical Application Circuit
LX
LX
VIN
POK
VDD
EN
R2
R1
VIN
GND
Active High
C1
22uF
R4
10
C3
1uF
L
VOUT
COUT
C4
VIN
R3
100k
FB
POK
V
N
I
V
T
U
O
LC
T
U
O
2
R1
R4
C
V
5V
1H
u
0
.
1F
u
2
2
x
2K
4
3K
1
5F
p
2
2
V
5V
8
.
1H
u
2
.
2F
u
0
1
x
2K
5
0
1K
1
5F
p
2
2
V
5V
5
.
2H
u
2
.
2F
u
2
2
x
2K
2
6
1K
1
5F
p
2
2
V
5V
3
.
3H
u
2
.
2F
u
2
2
x
2K
2
3
2K
1
5F
p
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com