Electronic Components Datasheet Search
  English  ▼

X  

UP1727PDDA Datasheet(PDF) 13 Page - uPI Group Inc.

Part # UP1727PDDA
Description  1.0MHz, 3.0A, High-Efficiency Synchronous-Rectified Buck Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1727PDDA Datasheet(HTML) 13 Page - uPI Group Inc.

Back Button UP1727PDDA Datasheet HTML 5Page - uPI Group Inc. UP1727PDDA Datasheet HTML 6Page - uPI Group Inc. UP1727PDDA Datasheet HTML 7Page - uPI Group Inc. UP1727PDDA Datasheet HTML 8Page - uPI Group Inc. UP1727PDDA Datasheet HTML 9Page - uPI Group Inc. UP1727PDDA Datasheet HTML 10Page - uPI Group Inc. UP1727PDDA Datasheet HTML 11Page - uPI Group Inc. UP1727PDDA Datasheet HTML 12Page - uPI Group Inc. UP1727PDDA Datasheet HTML 13Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
uP1727
13
uP1727-DS-F0200, June 2014
www.upi-semi.com
Important Notice
uPI and its subsidiaries reserve the right to make corrections, modifications, enhancements, improvements, and other changes to its products
and services at any time and to discontinue any product or service without notice. Customers should obtain the latest relevant information
before placing orders and should verify that such information is current and complete.
uPI products are sold subject to the terms and conditions of sale supplied at the time of order acknowledgment. However, no responsibility is
assumed by uPI or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use.
No license is granted by implication or otherwise under any patent or patent rights of uPI or its subsidiaries.
COPYRIGHT (C) 2011, UPI SEMICONDUCTOR CORP.
uPI Semiconductor Corp.
Headquarter
9F.,No.5, Taiyuan 1st St. Zhubei City,
Hsinchu Taiwan, R.O.C.
TEL : 886.3.560.1666 FAX : 886.3.560.1888
uPI Semiconductor Corp.
Sales Branch Office
12F-5, No. 408, Ruiguang Rd. Neihu District,
Taipei Taiwan, R.O.C.
TEL : 886.2.8751.2062
FAX : 886.2.8751.5064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com