Electronic Components Datasheet Search
  English  ▼

X  

UP9503P Datasheet(PDF) 32 Page - uPI Group Inc.

Part # UP9503P
Description  Phase Driver Embedded PWM Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9503P Datasheet(HTML) 32 Page - uPI Group Inc.

Back Button UP9503P Datasheet HTML 28Page - uPI Group Inc. UP9503P Datasheet HTML 29Page - uPI Group Inc. UP9503P Datasheet HTML 30Page - uPI Group Inc. UP9503P Datasheet HTML 31Page - uPI Group Inc. UP9503P Datasheet HTML 32Page - uPI Group Inc. UP9503P Datasheet HTML 33Page - uPI Group Inc. UP9503P Datasheet HTML 34Page - uPI Group Inc. UP9503P Datasheet HTML 35Page - uPI Group Inc. UP9503P Datasheet HTML 36Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
uP9503P
32
uP9503P-DS-F0000, June 2017
www.upi-semi.com
Electrical Characteristics
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
M
s
t
i
n
U
)
d
'
t
n
o
c
(
g
n
i
m
m
u
S
t
n
e
r
r
u
C
l
a
t
o
T
r
o
f
r
e
i
f
i
l
p
m
A
e
s
n
e
S
t
n
e
r
r
u
C
t
n
e
r
r
u
C
g
n
i
c
r
u
o
S
m
u
m
i
x
a
MI
C
R
S
X
A
M
0
0
1-
--
-A
u
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
n
i
a
GG
)
A
S
C
(
W
B
n
g
i
s
e
D
y
b
d
e
e
t
n
a
r
a
u
G-
-0
1-
-z
H
M
e
c
n
a
l
a
B
t
n
e
r
r
u
C
e
s
a
h
P
r
o
f
r
e
i
f
i
l
p
m
A
e
s
n
e
S
t
n
e
r
r
u
C
e
g
a
t
l
o
V
t
e
s
f
f
OV
)
A
S
C
(
S
O
1
--
-1
V
m
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
II
)
A
S
C
(
C
B
V
x
P
S
C
n
g
i
s
e
d
y
b
d
e
e
t
n
a
r
a
u
g
,
V
2
.
1
=0
1
--
-0
1A
n
t
n
e
r
r
u
C
g
n
i
c
r
u
o
S
m
u
m
i
x
a
MI
C
R
S
X
A
M
0
0
1-
--
-A
u
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
n
i
a
GG
)
A
S
C
(
W
B
n
g
i
s
e
D
y
b
d
e
e
t
n
a
r
a
u
G-
-0
1-
-z
H
M
t
u
p
t
u
O
M
W
P
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
OV
)
M
W
P
(
L
O
I
K
N
I
S
A
m
4
=-
--
-2
.
0V
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
OV
)
M
W
P
(
H
O
I
E
C
R
U
O
S
A
m
4
=7
.
4-
--
-V
e
g
a
k
a
e
L
e
t
a
t
S
e
c
n
a
d
e
p
m
I
h
g
i
H
I
0
k
a
e
l
_
M
W
P
V
M
W
P
V
0
=1
--
-0
A
u
I
1
k
a
e
l
_
M
W
P
V
M
W
P
V
5
=0
-
-1
A
u
p
o
o
r
D
r
o
f
g
n
i
r
o
t
i
n
o
M
t
n
e
r
r
u
C
D
D
V
r
o
f
o
i
t
a
R
r
o
r
r
i
M
t
n
e
r
r
u
CI
P
A
E
I
o
t
N
S
C
o
i
t
a
r5
90
0
15
0
1%
A
D
D
V
r
o
f
o
i
t
a
R
r
o
r
r
i
M
t
n
e
r
r
u
CI
A
P
A
E
I
o
t
A
N
S
C
o
i
t
a
r5
90
0
15
0
1%
s
r
e
v
i
r
D
e
t
a
G
T
E
F
S
O
M
e
c
r
u
o
S
e
t
a
G
r
e
p
p
UR
C
R
S
_
G
U
V
,
A
m
0
8
=
t
n
e
r
r
u
c
e
c
r
u
o
s
T
O
O
B
V
-
H
P
V
2
1
=
-
-2
4
Ω
k
n
i
S
e
t
a
G
r
e
p
p
UR
K
N
S
_
G
U
V
,
A
m
0
8
=
t
n
e
r
r
u
c
k
n
i
s
T
O
O
B
V
-
H
P
V
2
1
=
-
-1
2
Ω
e
c
r
u
o
S
e
t
a
G
r
e
w
o
LR
C
R
S
_
G
L
A
m
0
8
=
t
n
e
r
r
u
c
e
c
r
u
o
s
-
-2
4
Ω
k
n
i
S
e
t
a
G
r
e
w
o
LR
K
N
S
_
G
L
A
m
0
8
=
t
n
e
r
r
u
c
k
n
i
s
-
-8
.
06
.
1
Ω
e
m
i
T
d
a
e
DT
G
L
-
G
U
_
T
D
V
1
>
G
L
o
t
V
1
<
G
U
m
o
r
f
-
-0
3-
-s
n
e
m
i
T
d
a
e
DT
G
U
-
G
L
_
T
D
V
1
>
G
U
o
t
V
1
<
G
L
m
o
r
f
-
-0
3-
-s
n
e
d
o
i
D
p
a
r
t
s
t
s
o
o
B
e
g
a
t
l
o
V
d
r
a
w
r
o
F
A
m
5
.
3
=
t
n
e
r
r
u
c
s
a
i
b
d
r
a
w
r
o
F
-
-3
3
.
0-
-V
K
O
P
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
OV
L
O
I
K
N
I
S
A
m
4
=-
--
-2
.
0V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
t
u
OI
L
V
5
o
t
p
u
ll
u
P-
--
-1
A
u
n
o
i
t
c
e
t
o
r
P
t
n
e
r
r
u
C
r
e
v
O
D
D
V
r
o
f
o
i
t
a
R
r
o
r
r
i
M
t
n
e
r
r
u
CI
N
O
M
I
o
t
N
S
C
o
i
t
a
r5
90
0
15
0
1%
A
D
D
V
r
o
f
o
i
t
a
R
r
o
r
r
i
M
t
n
e
r
r
u
CI
A
N
O
M
I
o
t
A
N
S
C
o
i
t
a
r5
90
0
15
0
1%
d
l
o
h
s
e
r
h
T
P
C
O
t
n
e
r
r
u
C
l
a
t
o
TV
P
C
O
_
N
O
M
I
4
5
.
26
5
.
28
5
.
2V
e
m
i
T
y
a
l
e
D
P
C
O
t
n
e
r
r
u
C
l
a
t
o
TT
Y
A
L
E
D
_
1
P
C
O
-
-0
2-
-s
u



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com