Electronic Components Datasheet Search
  English  ▼

X  

UP9503P Datasheet(PDF) 8 Page - uPI Group Inc.

Part # UP9503P
Description  Phase Driver Embedded PWM Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9503P Datasheet(HTML) 8 Page - uPI Group Inc.

Back Button UP9503P Datasheet HTML 4Page - uPI Group Inc. UP9503P Datasheet HTML 5Page - uPI Group Inc. UP9503P Datasheet HTML 6Page - uPI Group Inc. UP9503P Datasheet HTML 7Page - uPI Group Inc. UP9503P Datasheet HTML 8Page - uPI Group Inc. UP9503P Datasheet HTML 9Page - uPI Group Inc. UP9503P Datasheet HTML 10Page - uPI Group Inc. UP9503P Datasheet HTML 11Page - uPI Group Inc. UP9503P Datasheet HTML 12Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
uP9503P
8
uP9503P-DS-F0000, June 2017
www.upi-semi.com
Functional Block Diagram
PWROK
POR
SVI2/SMBus/ADC
On Time
Generation
and
PWM
Control
Logic
Ramp
Generation
PWM3
FBRTN
CSP1
CSN1
DAC
FBRTNA
EAP
IMON
CSN
CSP
FB
COMP
UVP
OVP
EAP + 325mV
EAP - 325mV
Operation
Phase
Selection
GM
GM
GM
Current
Balance
GM
Per-Phase
OCP
CSP2
CSN2
CSP3
CSN3
ICSN
ICSN
ICSN
DACA
ICSNA
CSP1A
CSN1A
GM
GM
CSP2A
CSN2A
Operation
Phase
Selection
On Time
Generation
and
PWM
Control
Logic
Current
Balance
Per-Phase
OCP
EAPA
IMONA
CSNA
CSPA
FBA
COMPA
UVP
OVP
EAPA + 325mV
EAPA - 325mV
GM
ICSNA
ICSNA
TONSET
VCC12
D/A
BUF
D/A
BUF
Ramp
Generation
TONSET
Gate
Control
Logic
BOOT1
UG1
PH1
LG1
Gate
Control
Logic
BOOT2
UG2
PH2
LG2
PWM1A
PWM2A
TPA
TPA
TP
VINSEN/TPA
Power OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com