Electronic Components Datasheet Search
  English  ▼

X  

UP9616PDYA Datasheet(PDF) 5 Page - uPI Group Inc.

Part # UP9616PDYA
Description  3.3A Charger Interface, Wide Input Sensorless CC/CV Synchronous-Rectified Buck Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9616PDYA Datasheet(HTML) 5 Page - uPI Group Inc.

  UP9616PDYA Datasheet HTML 1Page - uPI Group Inc. UP9616PDYA Datasheet HTML 2Page - uPI Group Inc. UP9616PDYA Datasheet HTML 3Page - uPI Group Inc. UP9616PDYA Datasheet HTML 4Page - uPI Group Inc. UP9616PDYA Datasheet HTML 5Page - uPI Group Inc. UP9616PDYA Datasheet HTML 6Page - uPI Group Inc. UP9616PDYA Datasheet HTML 7Page - uPI Group Inc. UP9616PDYA Datasheet HTML 8Page - uPI Group Inc. UP9616PDYA Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Conceptual
uP9616
5
uP9616-DS-C3202, Feb. 2017
www.upi-semi.com
0
50
100
150
200
0
500
1000
1500
2000
2500
3000
RCOMP = 60mV/A (Fixed)
I
LOAD (mA)
Current Limit Protection
The uP9616 continuously monitors the inductor current,
when the inductor current is higher than current limit
threshold, the current limit function activates and forces
the upper switch turning off to limit inductor current cycle
by cycle.
Output Short Circuit Protection
The uP9616 provides output short circuit protection func-
tion. Once the output loader short-circuits, the SCP will
be triggered then always hiccup, the hiccup cycle time is
set by an internal counter. When the SCP condition is
removed or disappears, the converter will resume normal
operation and the hiccup status will terminate.
Output Over Voltage Protection
The uP9616 provides output over voltage protection. Once
the output voltage (measured the at SENSE- pin) gets higher
than OVP threshold, the OVP will be triggered to shut down
the converter. When the OVP condition disappears, the
converter will resume normal operation and resume the
normal state automatically.
Over Temperature Protection
The OTP is triggered and shuts down the uP9616 if the
junction temperature is higher than 150oC The OTP is a
non-latch type protection. The uP9616 automatically
initiates another soft start cycle if the junction temperature
drops below 130oC.
Functional Description
CV/CC Mode Control
The uP9616 provides CV/CC function. It operates in either
CV (Constant Output Voltage) mode or CC (Constant Output
Current) mode. The function provides a current limitation
function and adjusts external current limit setting
(Default=3.3A). In the CV mode, the output voltage is
controlled within +1.5%. In the CC mode, the output current
variation is less than +3% of the nominal value which can
be set up to 3.3A by the current sensing resistor.
When Output current increase until it reaches the CC limit
set by the R
SENSE resistor. At this point, the device will
transition from regulating output voltage to regulating output
current, and the output voltage will drop with increasing
load.
The CC (Constant Output Current) limit is set at 3.3A by
default with an external resistance R
SENSE = 39m
Ω
, When
the (SENSE1+) - (SENSE1-) voltage gets higher than
130mV and reaches the current limit, the driver is turned
off. The CC (Constant Output Current) limit is set according
to the following equation:
CC (Constant Output Current) Limit
SENSE
R
mV
130
=
Output Cable Resistance Compensation
In charger applications, the large load will cause voltage
drop in the output cable. The uP9616 has a built-in cable
compensation function. When the load increases, the
cable compensator will increase an adjustable regulation
of the error amplifier that can make the output voltage
constant. Use the curve and table to adjust internal the
reference voltage values for fixed USB cable compensation
by outside resistance R
SENSE = 39m
Ω
(default), as shown in
Figure 1 and Table 1.The fixed cable compensation is
calculated as follows:
COMP
LOAD
COMP
R
I
V
x
=
R
P
M
O
C
m
( Ω)0
6
I
D
A
O
L
)
A
m
(
e
g
a
t
l
o
V
n
o
i
t
a
s
n
e
p
m
o
C
e
l
b
a
C
B
S
U
d
e
x
i
F
)
V
m
(
00
0
0
50
0
0
0
10
6
0
0
5
10
9
0
0
0
20
2
1
0
0
5
20
5
1
0
0
0
30
8
1
Table 1 USB Cable Compensation Application Table
Figure 1 USB Cable Compensation at
a Fixed Resistor Divider Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com