Electronic Components Datasheet Search
  English  ▼

X  

UP9616PDYA Datasheet(PDF) 11 Page - uPI Group Inc.

Part # UP9616PDYA
Description  3.3A Charger Interface, Wide Input Sensorless CC/CV Synchronous-Rectified Buck Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9616PDYA Datasheet(HTML) 11 Page - uPI Group Inc.

Back Button UP9616PDYA Datasheet HTML 7Page - uPI Group Inc. UP9616PDYA Datasheet HTML 8Page - uPI Group Inc. UP9616PDYA Datasheet HTML 9Page - uPI Group Inc. UP9616PDYA Datasheet HTML 10Page - uPI Group Inc. UP9616PDYA Datasheet HTML 11Page - uPI Group Inc. UP9616PDYA Datasheet HTML 12Page - uPI Group Inc. UP9616PDYA Datasheet HTML 13Page - uPI Group Inc. UP9616PDYA Datasheet HTML 14Page - uPI Group Inc. UP9616PDYA Datasheet HTML 15Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Conceptual
uP9616
11
uP9616-DS-C3202, Feb. 2017
www.upi-semi.com
Application Information
Output Inductor Selection
Output inductor selection is usually based on the
considerations of inductance, rated current value, size
requirements and DC resistance (DCR).
The inductance is chosen based on the desired ripple
current. Large value inductors result in lower ripple currents
and small value inductors result in higher ripple currents.
Higher V
IN or VOUT also increases the ripple current as
shown in the equation below. A reasonable starting point
for setting ripple current is ∆I
L = 900mA (30% of 3000mA).
)
V
V
1
(
V
L
f
1
I
IN
OUT
OUT
OUT
OSC
L
−
×
×
=
∆
Maximum current ratings of the inductor are generally
specified in two methods: permissible DC current and
saturation current. Permissible DC current is the allowable
DC current that causes 40oC temperature raise. The
saturation current is the allowable current that causes 10%
inductance loss. Make sure that the inductor will not
saturate over the operation conditions including temperature
range, input voltage range, and maximum output current. If
possible, choose an inductor with rated current higher than
5A so that it will not saturate even under current limit
condition.
The size requirements refer to the area and height
requirement for a particular design. For better efficiency,
choose a low DC resistance inductor. DCR is usually
inversely proportional to size.
Different core materials and shapes will change the size,
current and price/current relationship of an inductor. Toroid
or shielded pot cores in ferrite or permalloy materials are
small and don’t radiate much energy, but generally cost
more than powdered iron core inductors with similar electrical
characteristics. The choice of which style inductor to use
often depends on the price vs. size requirements and any
radiated field/EMI requirements.
Input Capacitor Selection
The input capacitor needs to be carefully selected to
maintain sufficiently low ripple at the supply input of the
converter. A low ESR capacitor is highly recommended.
Since large current flows in and out of this capacitor during
switching, its ESR also affects efficiency.
The input capacitance needs to be higher than 22uF. The
best choice is he ceramic type and low ESR electrolytic
types may also be used provided that the RMS ripple
current rating is higher than 50% of the output current. In
the case of the electrolytic types, they can be further away
if a small parallel 1uF ceramic capacitor is placed right
close to the IC. A 100uF elecrolytic capacitor and 1uF
ceramic capacitor are recommended and placed close to
VIN and GND pins, with the shortest traces possible.
Output Capacitor Selection
The ESR of the output capacitor determines the output
ripple voltage and the initial voltage drop following a high
slew rate load transient edge. The output ripple voltage
can be calculated as:
)
C
f
8
1
ESR
(
I
V
T
OU
OSC
C
OUT
×
×
+
×
∆
=
∆
Where f
OSC =
operating frequency, C
OUT =
output
capacitance and ∆I
C =
∆
I
L = ripple current in the inductor.
The ceramic capacitor with low ESR value provides the low
output ripple and low size profile.
In the case of electrolytic capacitors, the ripple is dominated
by R
ESR multiplied by the ripple current. Connect a 220uF
electrolytic capacitor at output SENSE+ terminal for good
performance and low output ripple and place output
capacitor5s as close as possible to the device.
In the case of ceramic output capacitors, R
ESR is very small
and does not contribute to the output ripple. Connect a
0.1uF ceramic capacitor at output SENSE- terminal for good
performance and place output capacitors as close as
possible to the device.
PCB Layout Consideration
The PCB layout is an important step to maintain the high
performance of the uP9616. High switching frequencies
and relatively large peak currents make the PCB layout a
very important part of all high frequency switching power
supply design. Both the high current and the fast switching
nodes demand full attention to the PCB layout to save the
robustness of the uP9616 through the PCB layout.
Improper layout might show the symptoms of poor load or
lineregulation, radiate excessive noise at ground or input,
output voltage shifts, stability issues, unsatisfying EMI
behavior or worsened efficiency. Follow the PCB layout
guidelines for optiomal performances of uP9616.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com