Electronic Components Datasheet Search
  English  ▼

X  

SMBJ Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMBJ
Description  Peak Power Surface Mount TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMBJ Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMBJ_16 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMBJ_16 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMBJ_16 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMBJ_16 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SMBJ Series
5V ~ 440V, 600W
Peak Power Surface Mount TVS
01-Apr-2016 Rev. D
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
B
E
G
D
F
C
H
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and lead-free
FEATURES
For surface mount application
Glass passivated chip
Excellent clamping capability
Fast response time: Typically less than 1.0ps from 0 volt to BV min.
Typical IR less than 1mA above 10V
High temperature soldering guaranteed:
260°C / 10 seconds at terminals
MECHANICAL DATA
Case: Molded Plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Solder-able per MIL-STD-750,
Method 2026 Guaranteed
Polarity: Color band denotes cathode end except bidirectional
Mounting position: Any
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMB
3K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.)
Rating
Symbol
Value
Unit
Minimum Peak Power Dissipation@ 10ms waveform
1
PPK
600
W
Minimum Peak Pulsed Current@ 10ms waveform
1
IPP
(See next table.)
A
Power Dissipation@ on an infinite heatsink at TL=75°C
P D
5
W
Peak Forward Surge Current@ 8.3ms single half sine-wave for
unidirectional only
2
IFSM
100
A
Maximum Instantaneous Forward Voltage@ 50A
for unidirectional only
3
VF
3.5/ 5
V
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 ~ 150
°C
Notes:
1.
Non-repetitive current pulse on Fig. 5 and it derates above TA=25°C on Fig. 1.
2.
8.3ms single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum.
3.
VF<3.5V for devices of VBR<200V and VF<5V for devices of VBR>201V.
SMB
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.91
2.11
E
-
0.203
B
4.06
4.7
F
5.08
5.59
C
3.3
3.94
G
0.76
1.27
D
2.13
2.44
H
0.15
0.31


Similar Part No. - SMBJ_16

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ11 JGD-SMBJ11 Datasheet
301Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
SMBJ11 DCCOM-SMBJ11 Datasheet
1Mb / 4P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMBJ11 EIC-SMBJ11 Datasheet
110Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
SMBJ11 GE-SMBJ11 Datasheet
77Kb / 4P
SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMBJ11 MCC-SMBJ11 Datasheet
410Kb / 5P
Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
More results

Similar Description - SMBJ_16

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMAJ SECOS-SMAJ Datasheet
455Kb / 4P
400W Peak Power Surface Mount TVS
5SMDJ SECOS-5SMDJ_15 Datasheet
195Kb / 4P
5000W Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ_15 Datasheet
76Kb / 4P
400W Peak Power Surface Mount TVS
SSDJ SECOS-SSDJ_15 Datasheet
269Kb / 4P
200W Peak Power Surface Mount TVS
SMDJ SECOS-SMDJ Datasheet
340Kb / 4P
3000W Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J_18 Datasheet
313Kb / 3P
Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
Peak Power Surface Mount TVS
S6AF SECOS-S6AF Datasheet
271Kb / 4P
Peak Power Surface Mount TVS
S4FL6.0A SECOS-S4FL6.0A Datasheet
477Kb / 4P
400W Peak Power Surface Mount TVS
S4AF SECOS-S4AF Datasheet
287Kb / 4P
Peak Power Surface Mount TVS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com