Electronic Components Datasheet Search
  English  ▼

X  

SMBJ Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SMBJ
Description  Peak Power Surface Mount TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMBJ Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SMBJ_16 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMBJ_16 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMBJ_16 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMBJ_16 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Elektronische Bauelemente
SMBJ Series
5V ~ 440V, 600W
Peak Power Surface Mount TVS
01-Apr-2016 Rev. D
Page 3 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (Rating T
A=25°C unless otherwise specified)
Breakdown
Voltage VBR @ IT
Part Number
Reverse
Stand-Off
Voltage
Min
Max
Test
Current
Maximum
Clamping
Voltage
VC @IPP
Peak
Pulse
Current
Reverse
Leakage
IR @VRWM
Directional
VRWM
VBR
IT
VC
IPP
IR
Uni
Bi
V
V
V
mA
V
A
µ
A
SMBJ54A
SMBJ54CA
54
60.0
66.3
1
87.1
6.89
5
SMBJ58A
SMBJ58CA
58
64.4
71.2
1
93.6
6.41
5
SMBJ60A
SMBJ60CA
60
66.7
73.7
1
96.8
6.2
5
SMBJ64A
SMBJ64CA
64
71.1
78.6
1
103
5.83
5
SMBJ70A
SMBJ70CA
70
77.8
86
1
113
5.31
5
SMBJ75A
SMBJ75CA
75
83.3
92.1
1
121
4.96
5
SMBJ78A
SMBJ78CA
78
86.7
95.8
1
126
4.76
5
SMBJ80A
SMBJ80CA
80
88.8
97.6
1
129.6
4.63
5
SMBJ85A
SMBJ85CA
85
94.4
104
1
137
4.38
5
SMBJ90A
SMBJ90CA
90
100
111
1
146
4.11
5
SMBJ100A
SMBJ100CA
100
111
123
1
162
3.7
5
SMBJ110A
SMBJ110CA
110
122
135
1
177
3.39
5
SMBJ120A
SMBJ120CA
120
133
147
1
193
3.11
5
SMBJ130A
SMBJ130CA
130
144
159
1
209
2.87
5
SMBJ140A
SMBJ130CA
140
155
171
1
226.8
2.65
5
SMBJ150A
SMBJ150CA
150
167
185
1
243
2.47
5
SMBJ160A
SMBJ160CA
160
178
197
1
259
2.32
5
SMBJ170A
SMBJ170CA
170
189
209
1
275
2.18
5
SMBJ180A
SMBJ180CA
180
200
220
1
291.6
2.06
5
SMBJ190A
SMBJ190CA
190
211
232
1
307.8
1.95
5
SMBJ200A
SMBJ200CA
200
224
247
1
324
1.9
5
SMBJ220A
SMBJ220CA
220
246
272
1
356
1.69
5
SMBJ250A
SMBJ250CA
250
279
309
1
405
1.5
5
SMBJ300A
SMBJ300CA
300
335
371
1
486
1.23
5
SMBJ350A
SMBJ350CA
350
391
432
1
567
1.06
5
SMBJ400A
SMBJ400CA
400
447
494
1
648
0.9
5
SMBJ440A
SMBJ440CA
440
492
543
1
713
0.84
5
Notes:
1.
Suffix ’A’ denotes 5% tolerance device.
2.
For Bidirectional devices, CA suffix is used for the types from SMBJ5.0CA to SMBJ440CA.
3.
Electrical Characteristics are applied in both directions.
4.
For Bi-directional devices which have 10V and under 10V volts, the IR limit is double.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com