Electronic Components Datasheet Search
  English  ▼

X  

PWA60SA Datasheet(PDF) 2 Page - Insel Rectifier India Pvt. Ltd.

Part # PWA60SA
Description  THYRISTOR MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

PWA60SA Datasheet(HTML) 2 Page - Insel Rectifier India Pvt. Ltd.

  PWA60SA Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. PWA60SA Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. PWA60SA Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd. PWA60SA Datasheet HTML 4Page - Insel Rectifier India Pvt. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
INTERNATIONAL
2
www.rectifierindia.com
April 2011
ELECTRICAL CHARACTERISTICS
Unit
mA
mA
V
V/
μs
V
V
mA
°C/W
°C/W
Limits
Symbol
IRRM
IDRM
VTM
dv/dt
VGT
VGD
IGT
Rth (j-c)
Rth (c-f)
Parameter
Repetitive peak reverse current
Repetitive peak off-state current
On-state voltage
Critical rate of rise of off-state voltage
Gate trigger voltage
Gate non-trigger voltage
Gate trigger current
Thermal resistance
Contact thermal resistance
Test conditions
Tj=150
°C, VRRM applied
Tj=150
°C, VDRM applied
Tj=150
°C, ITM=180A, instantaneous meas.
Tj=150
°C, VD=2/3VDRM
Tj=25
°C, VD=6V, RL=2Ω
Tj=150
°C, VD=1/2VDRM
Tj=25
°C, VD=6V, RL=2Ω
Junction to case (per 1/3 module)
Case to fin, conductive grease applied (per 1/3 module)
Min.
—
—
—
200
—
0.25
15
—
—
Typ.
—
—
—
—
—
—
—
—
—
Max.
15
15
1.2
—
3.0
—
100
0.3
0.3
MAXIMUM AVERAGE ON-STATE
POWER DISSIPATION
(RECTANGULAR WAVE)
LIMITING VALUE OF THE AVERAGE
ON-STATE CURRENT
(RECTANGULAR WAVE)
AVERAGE ON-STATE CURRENT
(A)
AVERAGE ON-STATE CURRENT
(A)
0
0
100
20
100
80
20
40
60
40
60
80
θ
360°
θ=30°
60°
270° DC
180°
120°
90°
100
0
100
20
150
80
110
40
60
120
130
140
90°
θ
360°
θ=30°
270° DC
120°
180°
60°
RESISTIVE,
INDUCTIVE
LOAD
PER SINGLE ELEMENT
RESISTIVE,
INDUCTIVE
LOAD
PER SINGLE
ELEMENT
THYRISTOR MODULE
PWA60SA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com