Electronic Components Datasheet Search
  English  ▼

X  

PWA60SA Datasheet(PDF) 3 Page - Insel Rectifier India Pvt. Ltd.

Part # PWA60SA
Description  THYRISTOR MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

PWA60SA Datasheet(HTML) 3 Page - Insel Rectifier India Pvt. Ltd.

  PWA60SA Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. PWA60SA Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. PWA60SA Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd. PWA60SA Datasheet HTML 4Page - Insel Rectifier India Pvt. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MAXIMUM ON-STATE CHARACTERISTIC
RATED SURGE (NON-REPETITIVE)
ON-STATE CURRENT
GATE CHARACTERISTICS
MAXIMUM TRANSIENT THERMAL
IMPEDANCE (JUNCTION TO CASE)
CONDUCTION TIME
(CYCLE AT 60Hz)
ON-STATE VOLTAGE
(V)
GATE CURRENT
(mA)
TIME (s)
MAXIMUM AVERAGE ON-STAGE
POWER DISSIPATION
(SINGLE PHASE HALFWAVE)
LIMITING VALUE OF THE AVERAGE
ON-STATE CURRENT
(SINGLE PHASE HALFWAVE)
AVERAGE ON-STATE CURRENT
(A)
AVERAGE ON-STATE CURRENT
(A)
–1
10
–2
10
–3
10
0
10
0
10
1
10
1
10
0
10
4
10
3
10
2
10
1
10
–1
10
3
10
2
10
1
10
0
10
7
5
3
2
7
5
3
2
7
5
3
2
3
2
7
5
3
2
7
5
3
2
4
7
5
4
VGT=3.0V
IGT=
100mA
PGM=5.0W
VFGM=10V
VGD=0.25V
PG(AV)=
0.50W
Tj=25°C
0.6
7
5
3
2
7
5
3
2
7
5
3
2
0.8
1.0
1.6
2.0
1.4
1.2
1.8
Tj=150°C
7
5
3
2
7
5
3
2
7
5
3
2
0.40
0
7
5
3
2
0.05
0.10
0.15
0.20
0.25
0.30
0.35
70
50
30
20
7
5
3
2
0
400
2000
10
1
100
800
1200
1600
0
080
30
10
50
70
80
10
20
30
40
50
60
70
20
40
60
θ=30°
120°
90°
180°
60°
θ
360°
RESISTIVE,
INDUCTIVE LOAD
PER SINGLE
ELEMENT
150
70
060
80
10
20
50
80
90
100
110
120
130
140
30
40
70
θ=30° 60° 90°
θ
360°
180°
120°
RESISTIVE,
INDUCTIVE LOAD
PER SINGLE
ELEMENT
INTERNATIONAL
3
www.rectifierindia.com
April 2011
THYRISTOR MODULE
PWA60SA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com