Electronic Components Datasheet Search
  English  ▼

X  

PWB80/40 Datasheet(PDF) 2 Page - Insel Rectifier India Pvt. Ltd.

Part # PWB80/40
Description  THYRISTOR MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

PWB80/40 Datasheet(HTML) 2 Page - Insel Rectifier India Pvt. Ltd.

  PWB80/40 Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. PWB80/40 Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. PWB80/40 Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd. PWB80/40 Datasheet HTML 4Page - Insel Rectifier India Pvt. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
INTERNATIONAL
2
www.rectifierindia.com
April 2011
Symbol
Item
Conditions
Ratings
12
Unit
IDRM
Repetitive Peak Off-State Current, max.
IRRM
Repetitive Peak Reverse Current, max.
at VDRM, single phase, half wave, Tj
=150℃
at VDRM, single phase, half wave, Tj
=150℃
VTM
Peak On-State Voltage, max
IGT
/VGT
Gate Trigger Current/Voltage, max.
VGD
Non-Trigger Gate, Voltage. min.
tgt
Turn On Time, max.
dv
/dt
Critical Rate of Rise of Off-State Voltage, min.
IH
Holding Current, typ.
On-State Current 240A, Tj
=25℃ Inst. measurement
Tj
=25℃,IT=1A,VD=6V
mA
12
mA
1.20
V
150
/2
Tj
=150℃,VD=1/2VDRM
IT
=80A,IG=200mA,Tj=25℃,VD=1/2VDRM,dIG
/dt=1A/μs
0.25
mA
/V
V
10
Tj
=150℃, VD=2/3VDRM, Exponential wave.
Tj
=25℃
Rth
(j-c) Thermal Impedance, max.
Junction to case
(1/3Module)
50
μs
V
/μs
100
mA
0.35
℃
/W
■Electrical Characteristics
C IRC UIT DIAGRAM
THYRISTOR MODULE
PWB80A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com