Electronic Components Datasheet Search
  English  ▼

X  

PWB80/40 Datasheet(PDF) 1 Page - Insel Rectifier India Pvt. Ltd.

Part # PWB80/40
Description  THYRISTOR MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

PWB80/40 Datasheet(HTML) 1 Page - Insel Rectifier India Pvt. Ltd.

  PWB80/40 Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. PWB80/40 Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. PWB80/40 Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd. PWB80/40 Datasheet HTML 4Page - Insel Rectifier India Pvt. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
INTERNATIONAL
1
www.rectifierindia.com
April 2011
V
VRRM
(V)
VRSM
PWB80/30
300
400
DRM
(V)
/
DEVICE TYPE
THYRISTOR MODULE
PWB80A
FEATURES
IT(AV) 80A (each device)
High Surge Current 2500 A(60HZ)
Easy Construction
Non-isolated.Mounting base as common Anode terminal
TYPICAL APPLICATIONS
Welding power Supply
Various DC power Supply
PWB80/40
400
500
Symbol
Item
Conditions
Ratings
80
Unit
IT(AV)
Average On-State Current
IT(RMS)
R.M.S. On-State Current
Single phase, half wave, 180
°conduction, Tc:116℃
Single phase, half wave, 180
°conduction, Tc:116℃
ITSM
Surge On-State Current
I2tI2t
PGM
Peak Gate Power Dissipation
PG(AV)
Average Gate Power Dissipation
IFGM
Peak Gate Current
VFGM
Peak Gate Voltage(Forward)
1
/2cycle, 50Hz
/60Hz, peak value, non-repetitive
A
125
A
2280
/2500
A
26000
10
A2S
W
1
VRGM
Peak Gate Voltage(Reverse)
di
/dt
Critical Rate of Rise of On-State Current
Tj
Operating Junction Temperature
Tstg
Storage Temperature
Mounting
torque
Mass
Mounting
(M6)
Terminal
(M5)
IG
=200mA,Tj=25℃,VD=1/2VDRM,dIG
/dt=1A/μs
Recommended Value 2.5-3.9
(25-40)
Recommended Value 1.5-2.5
(15-25)
3
W
A
10
V
5
V
A
/μs
−30 to +150
℃
−30 to +125
4.7
(48)
2.7
(28)
170
℃
N
・m
(㎏f・
B)
g
■Maximum Ratings
TECHNICAL DATA
200


Similar Part No. - PWB80/40

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
PWB80A NAINA-PWB80A Datasheet
184Kb / 2P
Non-isolated Thyristor Module, 80A
logo
SanRex Corporation
PWB80A SANREX-PWB80A Datasheet
112Kb / 2P
THYRISTOR MODULE竊뉿ON-ISOLATED TYPE竊
PWB80A30 SANREX-PWB80A30 Datasheet
390Kb / 2P
THYRISTOR MODULE (NON-ISOLATED TYPE)
logo
Naina Semiconductor ltd...
PWB80A30 NAINA-PWB80A30 Datasheet
116Kb / 2P
Non-isolated Thyristor Module
logo
SanRex Corporation
PWB80A30 SANREX-PWB80A30 Datasheet
112Kb / 2P
THYRISTOR MODULE竊뉿ON-ISOLATED TYPE竊
More results

Similar Description - PWB80/40

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMTT-500I SEMPO-SMTT-500I Datasheet
353Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-300 SEMPO-SMTT-300 Datasheet
46Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-250H SEMPO-SMTT-250H Datasheet
105Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-90I SEMPO-SMTT-90I Datasheet
51Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-90H SEMPO-SMTT-90H Datasheet
43Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-70I SEMPO-SMTT-70I Datasheet
51Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-50I SEMPO-SMTT-50I Datasheet
51Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTD-800I SEMPO-SMTD-800I Datasheet
81Kb / 1P
THYRISTOR-THYRISTOR MODULE
logo
Naina Semiconductor ltd...
70NTT NAINA-70NTT Datasheet
125Kb / 2P
Thyristor - Thyristor Module
160NTT NAINA-160NTT Datasheet
117Kb / 2P
Thyristor - Thyristor Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com