Electronic Components Datasheet Search
  English  ▼

X  

EC4401C Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # EC4401C
Description  Small Signal Switch and Interface Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EC4401C Datasheet(HTML) 2 Page - Sanyo Semicon Device

  EC4401C Datasheet HTML 1Page - Sanyo Semicon Device EC4401C Datasheet HTML 2Page - Sanyo Semicon Device EC4401C Datasheet HTML 3Page - Sanyo Semicon Device EC4401C Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EC4401C
No.7015-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Input Capacitance
Ciss
VDS=10V, f=1MHz
7.0
pF
Output Capacitance
Coss
VDS=10V, f=1MHz
5.9
pF
Reverse Transfer Capacitance
Crss
VDS=10V, f=1MHz
2.3
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
19
ns
Rise Time
tr
See specified Test Circuit.
65
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
155
ns
Fall Time
tf
See specified Test Circuit.
120
ns
Total Gate Charge
Qg
VDS=10V, VGS=10V, ID=150mA
1.58
nC
Gate-to-Source Charge
Qgs
VDS=10V, VGS=10V, ID=150mA
0.26
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=10V, VGS=10V, ID=150mA
0.31
nC
Diode Forward Voltage
VSD
IS=150mA, VGS=0
0.95
1.2
V
Type No. Indication(Top view)
Electrical Connection(Top view)
Switching Time Test Circuit
PW=10
µs
D.C.
≤1%
4V
0V
VIN
P.G
50
Ω
G
S
ID=80mA
RL=187.5Ω
VDD=15V
VOUT
VIN
D
EC4401C
0
0
0.02
0.2
0.06
0.04
0.08
0.4
0.10
0.12
0.14
0.16
0.6
0.8
1.0
VGS=1.5V
2.0V
4.0V
3.5V
0
0
12
1
34
2
56
3
4
5
6
7
8
9
10
78
9
10
Ta=25
°C
0.01
0.1
23
5
7
2
3
5
10
7
5
3
2
1.0
0
0
0.5
1.0
1.5
2.0
0.15
0.10
0.05
0.30
0.25
0.20
2.5
3.0
VDS=10V
25
°C
--25
°C
Ta=75
°C
IT00029
IT00030
IT00031
IT00032
VGS=4V
ID=40mA
80mA
ID -- VDS
ID -- VGS
RDS(on) -- VGS
RDS(on) -- ID
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
Gate-to-Source Voltage, VGS -- V
Drain Current, ID -- A
Gate
Source
Source
Gate
Drain
Drain
Polarity mark (Top)
Polarity mark (Top)
*Electrodes : on the bottom
S



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com