Electronic Components Datasheet Search
  English  ▼

X  

EC4401C Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # EC4401C
Description  Small Signal Switch and Interface Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EC4401C Datasheet(HTML) 3 Page - Sanyo Semicon Device

  EC4401C Datasheet HTML 1Page - Sanyo Semicon Device EC4401C Datasheet HTML 2Page - Sanyo Semicon Device EC4401C Datasheet HTML 3Page - Sanyo Semicon Device EC4401C Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EC4401C
No.7015-3/4
0.01
0.1
23
5
7
2
3
5
10
1.0
7
5
3
2
VGS=2.5V
0.001
1.0
0.01
23
5
7
2
3
100
10
7
5
3
2
7
5
3
2
VGS=1.5V
Ta=75
°C
25
°C
--25
°C
--25
°C
25
°C
Ta=75
°C
IT00033
IT00034
--60
0
--40
--20
1
020
2
40
60
3
4
5
6
7
80
100
120
140
160
0.01
0.01
0.1
23
5
7
2
3
5
0.1
7
5
3
2
7
5
3
2
1.0
VDS=10V
75°
C
25
°C
Ta=
--25
°C
IT00035
IT00036
yfs -- ID
Drain Current, ID -- A
RDS(on) -- Ta
Ambient Temperature, Ta --
°C
RDS(on) -- ID
Drain Current, ID -- A
RDS(on) -- ID
Drain Current, ID -- A
I D
=40mA,
V GS
=2.5V
ID=80mA,
VGS
=4.0V
0.01
0.6
0.5
0.8
0.7
0.9
1.0
1.1
1.2
0.1
5
3
2
7
5
3
2
VGS=0
IT00037
IF -- VSD
Diode Forward Voltage, VSD -- V
0.01
10
0.1
23
5
7
2
1000
100
7
5
3
2
7
5
3
2
VDD=15V
VGS=4V
td(on)
tr
tf
td(off)
IT00038
Drain Current, ID -- A
SW Time -- ID
0
2468
10
12
14
16
18
20
1.0
10
7
5
3
2
7
5
3
2
100
Ciss
Coss
Crss
f=1MHz
IT00039
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
1
2
3
4
5
6
7
8
9
10
VDS=10V
ID=150mA
IT00040
VGS -- Qg
Total Gate Charge, Qg -- nC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com