Electronic Components Datasheet Search
  English  ▼

X  

HERF1007GA Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # HERF1007GA
Description  10A, 800V - 1000V Isolated Glass Passivated High Efficient Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HERF1007GA Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  HERF1007GA Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HERF1007GA Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HERF1007GA Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HERF1007GA Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
Note 1: "x" defines voltage from 800V (HERF1007GA) to 1000V (HERF1008GA)
*: Optional available
PART NO.
(TA=25°C unless otherwise noted)
Version: A1511
HERF1007GA - HERF1008GA
Taiwan Semiconductor
PART NO.
SUFFIX
PACKING
CODE
PACKING CODE
SUFFIX (*)
PACKAGE
PACKING
ORDERING INFORMATION
HERF100xGA
(Note 1)
H
C0
G
ITO-220AB
50 / Tube
EXAMPLE P/N
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
EXAMPLE
RATINGS AND CHARACTERISTICS CURVES
HERF1008GAHC0G HERF1008GA
H
C0
G
AEC-Q101 qualified
Green compound
0
2
4
6
8
10
12
0
25
50
75
100
125
150
CASE TEMPERATURE (°C)
FIG.1 FORWARD CURRENT DERATING CURVE
Resistive or
inductive load
with heat sink
0
50
100
150
200
250
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms single half sine wave
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TJ=125°C
TJ=25°C
TJ=75°C
0.1
1
10
100
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com