Electronic Components Datasheet Search
  English  ▼

X  

HERF1007GA Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HERF1007GA
Description  10A, 800V - 1000V Isolated Glass Passivated High Efficient Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HERF1007GA Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HERF1007GA Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HERF1007GA Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HERF1007GA Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HERF1007GA Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HERF1007GA - HERF1008GA
CREAT BY ART
- High efficiency, low VF
- High current capability
- High surge current capability
- Low power loss
- Halogen-free according to IEC 61249-2-21
Molding compound, UL flammability classification rating 94V-0
Part no. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
trr
ns
CJ
pF
RθJC
°C/W
TJ
°C
TSTG
°C
Version: A1511
800
Taiwan Semiconductor
10A, 800V - 1000V Isolated Glass Passivated High Efficient Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
1.7
HERF
1008GA
HERF
1007GA
1000
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
ITO-220AB
MECHANICAL DATA
Case:
ITO-220AB
Polarity:
As marked
Mounting torque:
0.56 Nm max.
Weight:
1.82 g (approximately)
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
10
700
1000
800
560
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
125
A
Maximum instantaneous forward voltage (Note 1)
@ 5 A
VF
V
Maximum reverse current @ rated VR
TJ=25°C
IR
10
μA
TJ=125°C
400
Maximum reverse recovery time (Note 2)
Typical junction capacitance (Note 3)
Typical thermal resistance
3
40
80
Operating junction temperature range
- 55 to +150
Storage temperature range
- 55 to +150
Note 1: Pulse test with PW=300μs, 1% duty cycle
Note 2: Test conditions: IF=0.5A, IR=1.0A, IRR=0.25A.
Note 3: Measured at 1 MHz and applied reverse voltage of 4.0 V DC.


Similar Part No. - HERF1007GA

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
HERF1007GA THINKISEMI-HERF1007GA Datasheet
648Kb / 2P
10.0 Ampere Insulated Dual Common Anode High Efficiency Rectifiers
HERF1007GA THINKISEMI-HERF1007GA Datasheet
641Kb / 2P
10Ampere Insulated Dual Common Anode High Efficiency Rectifiers
More results

Similar Description - HERF1007GA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HERF1001G TSC-HERF1001G_11 Datasheet
187Kb / 2P
10.0AMPS. Isolated Glass Passivated High Efficient Rectifiers
HERF1601G TSC-HERF1601G_11 Datasheet
188Kb / 2P
16.0AMPS. Isolated Glass Passivated High Efficient Rectifiers
HERAF801G TSC-HERAF801G_12 Datasheet
205Kb / 2P
8.0AMPS. Isolated Glass Passivated High Efficient Rectifiers
HERAF1001G TSC-HERAF1001G_12 Datasheet
205Kb / 2P
10.0AMPS. Isolated Glass Passivated High Efficient Rectifiers
logo
Shenzhen Luguang Electr...
HERAF1601G LUGUANG-HERAF1601G Datasheet
229Kb / 2P
Isolated 16.0AMP. Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER101SG TSC-HER101SG_15 Datasheet
385Kb / 4P
1A, 50V - 1000V Glass Passivated High Efficient Rectifiers
HER151G TSC-HER151G_15 Datasheet
356Kb / 4P
1.5A, 50V - 1000V Glass Passivated High Efficient Rectifiers
logo
Taiwan Memory Technolog...
GP1001 TMT-GP1001_16 Datasheet
202Kb / 4P
10A, 50V - 1000V Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
HER157G-K TSC-HER157G-K Datasheet
399Kb / 6P
1.5A, 800V - 1000V Glass Passivated High Efficient Rectifier
HER207G-K TSC-HER207G-K Datasheet
400Kb / 6P
2A, 800V - 1000V Glass Passivated High Efficient Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com