Electronic Components Datasheet Search
  English  ▼

X  

HT14G-K Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # HT14G-K
Description  1A, 50V - 1000V Glass Passivated High Efficient Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HT14G-K Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  HT14G-K Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HT14G-K Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HT14G-K Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HT14G-K Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd HT14G-K Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd HT14G-K Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd HT14G-K Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HT11G-K - HT18G-K
Taiwan Semiconductor
4
Version:B1705
CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics
0
0.5
1
1.5
2
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (°C)
Resistive or
inductive load
0
10
20
30
40
50
0.1
1
10
100
1000
REVERSE VOLTAGE (V)
HT16G-K - HT18G-K
HT11G-K - HT15G-K
f=1.0MHz
Vsig=50mVp-p
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
T
J=25
°C
T
J=125
°C
T
J=75
°C
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
HT16G-K - HT18G-K
HT15G-K
HT11G-K - HT14G-K
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
0.001
0.01
0.1
1
10
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
Pulse width
T
J=25°C
T
J=125°C
UF1DLW
FORWARD VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com