Electronic Components Datasheet Search
  English  ▼

X  

HT14G-K Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HT14G-K
Description  1A, 50V - 1000V Glass Passivated High Efficient Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HT14G-K Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HT14G-K Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HT14G-K Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HT14G-K Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HT14G-K Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd HT14G-K Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd HT14G-K Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd HT14G-K Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HT11G-K - HT18G-K
Taiwan Semiconductor
1
Version:B1705
1A, 50V - 1000V Glass Passivated High Efficient Rectifier
FEATURES
● Glass passivated chip junction
● High current capability
● High reliability
● High surge current capability
● High efficiency, Low V
F
● Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● High frequency rectification
● Freewheeling application
● Switching mode converters and inverters in computer and
telecommunication.
MECHANICAL DATA
● Case: TS-1
● Molding compound meets UL 94V-0 flammability rating
● Packing code with suffix "G" means green compound
(halogen-free)
● Terminal: Pure tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 1A whisker test
● Polarity: As marked
● Weight: 0.2 g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF(AV)
1
A
VRRM
50 - 1000
V
IFSM
30
A
TJ MAX
150
°C
Package
TS-1
Configuration
Single Die
TS-1
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
HT
11G-K
HT
12G-K
HT
13G-K
HT
14G-K
HT
15G-K
HT
16G-K
HT
17G-K
HT
18G-K UNIT
Marking code on the device
HT11G
HT12G
HT13G
HT14G
HT15G
HT16G
HT17G
HT18G
Repetitive peak reverse
voltage
VRRM
50
100
200
300
400
600
800
1000
V
Reverse voltage, total rms
value
VR(RMS)
35
70
140
210
280
420
560
700
V
Forward current
IF(AV)
1
A
Surge peak forward current,
8.3 ms single half sine-wave
superimposed on rated load
per diode
IFSM
30
A
Junction temperature
TJ
- 55 to +150
°C
Storage temperature
TSTG
- 55 to +150
°C


Similar Part No. - HT14G-K

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HT14G TSC-HT14G Datasheet
64Kb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
HT14G TSC-HT14G Datasheet
268Kb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
HT14G TSC-HT14G Datasheet
563Kb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
More results

Similar Description - HT14G-K

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER101SG TSC-HER101SG_15 Datasheet
385Kb / 4P
1A, 50V - 1000V Glass Passivated High Efficient Rectifiers
HER151G TSC-HER151G_15 Datasheet
356Kb / 4P
1.5A, 50V - 1000V Glass Passivated High Efficient Rectifiers
logo
Taiwan Memory Technolog...
1N4001G TMT-1N4001G_16 Datasheet
172Kb / 4P
1A, 50V - 1000V Glass Passivated Rectifiers
1T1G TMT-1T1G_16 Datasheet
173Kb / 4P
1A, 50V - 1000V Glass Passivated Rectifiers
HDBL101G TMT-HDBL101G_16 Datasheet
370Kb / 4P
1A, 50V - 1000V Glass Passivated High Efficient Bridge Rectifiers
HDBLS101G TMT-HDBLS101G_16 Datasheet
406Kb / 4P
1A, 50V - 1000V Glass Passivated High Efficient Bridge Rectifiers
logo
Taiwan Semiconductor Co...
1T1G-K TSC-1T1G-K Datasheet
408Kb / 6P
1A, 50V - 1000V Glass Passivated Rectifier
F1T1G-K TSC-F1T1G-K Datasheet
409Kb / 6P
1A, 50V - 1000V Glass Passivated Fast Recovery Rectifier
HER101G-K TSC-HER101G-K Datasheet
412Kb / 7P
1A, 50V - 1000V Glass Passivated High Efficient Rectifier
HER301G-K TSC-HER301G-K Datasheet
432Kb / 7P
3A, 50V - 1000V Glass Passivated High Efficient Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com