Electronic Components Datasheet Search
  English  ▼

X  

UP6014 Datasheet(PDF) 2 Page - uPI Group Inc.

Part # UP6014
Description  High Efficiency Synchronous Rectifier Boost Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP6014 Datasheet(HTML) 2 Page - uPI Group Inc.

  UP6014 Datasheet HTML 1Page - uPI Group Inc. UP6014 Datasheet HTML 2Page - uPI Group Inc. UP6014 Datasheet HTML 3Page - uPI Group Inc. UP6014 Datasheet HTML 4Page - uPI Group Inc. UP6014 Datasheet HTML 5Page - uPI Group Inc. UP6014 Datasheet HTML 6Page - uPI Group Inc. UP6014 Datasheet HTML 7Page - uPI Group Inc. UP6014 Datasheet HTML 8Page - uPI Group Inc. UP6014 Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
uP6014
2
uP6014-DS-P0000, July 2015
www.upi-semi.com
.
o
N
n
i
P
e
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
8
U
S
QA
D
D
Q
2
,
12
,
1X
L
.
s
e
d
o
N
h
c
t
i
w
S
.
r
o
t
c
u
d
n
i
e
h
t
o
t
s
n
i
p
e
s
e
h
t
t
c
e
n
n
o
C
33
T
A
B
V
.
t
u
p
n
I
y
l
p
p
u
S
s
r
e
w
o
p
d
n
a
e
g
a
t
l
o
v
t
u
p
t
u
o
e
h
t
o
t
t
n
e
r
r
u
c
s
e
il
p
p
u
s
t
a
h
t
e
g
a
t
l
o
v
t
u
p
n
I
.
t
i
u
c
r
i
c
l
o
r
t
n
o
c
l
a
n
r
e
t
n
i
e
h
t
4-
-1
0
M
L
I
.
g
n
i
t
t
e
S
t
i
m
i
L
t
n
e
r
r
u
C
.
n
i
p
l
o
r
t
n
o
c
g
n
i
t
i
m
il
t
n
e
r
r
u
c
t
u
p
t
u
o
e
l
b
a
t
s
u
j
d
A
-
-5
,
4
,
0
M
L
I
1
M
L
I
.
g
n
i
t
t
e
S
t
i
m
i
L
t
n
e
r
r
u
C
.
n
i
p
l
o
r
t
n
o
c
g
n
i
t
i
m
il
t
n
e
r
r
u
c
t
u
p
t
u
o
e
l
b
a
t
s
u
j
d
A
56
D
N
G
.
d
n
u
o
r
G
d
n
u
o
r
g
d
n
a
T
U
O
C
d
n
a
N
I
C
f
o
l
a
n
i
m
r
e
t
e
d
o
h
t
a
c
e
h
t
o
t
y
l
t
c
e
r
i
d
n
i
p
s
i
h
t
s
e
i
T
k
c
a
b
d
e
e
f
d
n
a
n
o
i
t
a
s
n
e
p
m
o
c
,
l
a
n
g
i
s
-
ll
a
m
s
ll
A
.
e
c
n
a
d
e
p
m
i
t
s
e
w
o
l
e
h
t
h
t
i
w
e
n
a
l
p
.
n
i
p
s
i
h
t
o
t
t
c
e
n
n
o
c
d
l
u
o
h
s
s
t
n
e
n
o
p
m
o
c
67
B
F
.
e
g
a
t
l
o
V
k
c
a
b
d
e
e
F
d
e
t
c
e
n
n
o
C
.
r
e
i
f
il
p
m
a
r
o
r
r
e
e
h
t
f
o
t
u
p
n
i
g
n
i
t
r
e
v
n
i
e
h
t
s
i
n
i
p
s
i
h
T
.
n
o
i
t
a
c
il
p
p
a
e
d
o
M
d
e
x
i
F
r
o
f
D
N
G
o
t
8
,
70
1
,
9T
U
O
V
.
s
n
i
P
t
u
p
t
u
O
r
e
t
r
e
v
n
o
C
-
-8
C
O
.
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
d
n
a
,
t
i
u
c
r
i
C
t
r
o
h
S
,
d
a
o
L
r
e
v
O
r
o
f
g
a
l
F
n
i
a
r
D
-
n
e
p
O
e
v
i
t
c
A
.
w
o
L
d
a
P
d
e
s
o
p
x
E
.
d
n
u
o
r
G
r
e
w
o
P
h
t
i
w
e
n
a
l
p
d
n
u
o
r
g
o
t
d
e
r
e
d
l
o
s
ll
e
w
e
b
d
l
u
o
h
s
d
a
P
d
e
s
o
p
x
E
e
h
T
.
n
o
i
t
c
u
d
n
o
c
l
a
m
r
e
h
t
e
v
i
t
c
e
f
f
e
r
o
f
s
a
i
v
e
l
p
i
t
l
u
m
Functional Pin Description
Typical Application Circuit
Adjustable Output Voltage by R1 and R2
2.2uH
VIN
47uF
LX
22uF
VBAT
ILM0
ILM1
VOUT
FB
OC
GND
5.2V
5.2V Output Voltage by Fixed Mode
2.2uH
VIN
47uF
LX
22uF
VBAT
ILM0
VOUT
FB
OC
GND
VOUT
Option
R1
R2
ILM1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com