Electronic Components Datasheet Search
  English  ▼

X  

UP6014 Datasheet(PDF) 12 Page - uPI Group Inc.

Part # UP6014
Description  High Efficiency Synchronous Rectifier Boost Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP6014 Datasheet(HTML) 12 Page - uPI Group Inc.

Back Button UP6014 Datasheet HTML 7Page - uPI Group Inc. UP6014 Datasheet HTML 8Page - uPI Group Inc. UP6014 Datasheet HTML 9Page - uPI Group Inc. UP6014 Datasheet HTML 10Page - uPI Group Inc. UP6014 Datasheet HTML 11Page - uPI Group Inc. UP6014 Datasheet HTML 12Page - uPI Group Inc. UP6014 Datasheet HTML 13Page - uPI Group Inc. UP6014 Datasheet HTML 14Page - uPI Group Inc. UP6014 Datasheet HTML 15Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
uP6014
12
uP6014-DS-P0000, July 2015
www.upi-semi.com
Application Information
Component Selection
External component selection begins with inductor value
selection based on the considerations of the output voltage,
output current, and the maximum/minimum input voltages.
Inductor Selection
Inductor selection should consider the inductor value, rated
current, DCR, size, core material, and cost. The inductor
value is selected based on the consideration of inductor
ripple current and the inductor rated saturation current
should be higher than the peak current at maximum load.
The inductor should have low core loss at 500kHz and low
DCR for better efficiency. Depending on the application,
inductor values between 2uH and 2.2uH are recommended.
Capacitor Selection
For better voltage filtering, the low ESR of capacitor is
recommended. It is recommended to use X5R or X7R type
capacitor for the best performance.
Layout Consideration
For best performance of the uP6014, the following guidelines
are recommended.
1. Input and output capacitors should be placed close to
the IC and connected to ground plane to reduce noise
coupling.
2. The GND should be connected to a strong ground plane
for heat sinking and noise protection.
3. Keep the main current traces as short and wide as
possible.
4. LX node of DC-DC converter is with high frequency
voltage swing. It should be kept at a small area.
5. Please keep the V
BAT trace away from the noise source
such as LX node and place C
BAT close to the IC and
connected to ground plane to reduce noise coupling.
6. Place the feedback components as close as possible to
the IC and keep away from the noisy devices.
VOUT
VOUT
FB
GND
LX
LX
VBAT
ILM01
1
2
3
4
GND
5
6
7
8
Inductor
CIN
COUT
R1
R2
CBAT
Via for GND
Via for ILM01
Figure 1. PSOP - 8L Layout Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com