Electronic Components Datasheet Search
  English  ▼

X  

UP6014PDDA Datasheet(PDF) 6 Page - uPI Group Inc.

Part # UP6014PDDA
Description  High Efficiency Synchronous Rectifier Boost Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP6014PDDA Datasheet(HTML) 6 Page - uPI Group Inc.

Back Button UP6014PDDA Datasheet HTML 2Page - uPI Group Inc. UP6014PDDA Datasheet HTML 3Page - uPI Group Inc. UP6014PDDA Datasheet HTML 4Page - uPI Group Inc. UP6014PDDA Datasheet HTML 5Page - uPI Group Inc. UP6014PDDA Datasheet HTML 6Page - uPI Group Inc. UP6014PDDA Datasheet HTML 7Page - uPI Group Inc. UP6014PDDA Datasheet HTML 8Page - uPI Group Inc. UP6014PDDA Datasheet HTML 9Page - uPI Group Inc. UP6014PDDA Datasheet HTML 10Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
uP6014
6
uP6014-DS-P0000, July 2015
www.upi-semi.com
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
M
s
t
i
n
U
s
e
i
l
p
p
u
S
e
g
n
a
R
e
g
a
t
l
o
V
y
l
p
p
u
SV
T
A
B
5
.
2-
-5
.
5V
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
QI
T
A
B
V
T
A
B
g
n
i
h
c
t
i
w
s
o
N
,
V
3
.
1
>
B
F
,
V
6
.
3
=-
-0
50
7A
u
t
n
e
r
r
u
C
n
w
o
d
t
u
h
SI
T
H
S
V
0
=
1
0
M
L
I
,
V
0
=
1
M
L
I
=
0
M
L
I-
-1
.
01
A
u
t
u
o
k
c
o
L
e
g
a
t
l
o
V
r
e
d
n
UV
O
L
V
U
V
T
A
B
e
g
d
E
g
n
il
l
a
F8
.
12
2
.
2V
V
T
A
B
e
g
d
E
g
n
i
s
i
R2
2
.
24
.
2V
r
e
v
i
r
D
&
r
o
t
a
l
l
i
c
s
O
y
c
n
e
u
q
e
r
F
g
n
i
h
c
t
i
w
SF
C
S
O
5
3
.
05
.
05
6
.
0z
H
M
e
l
c
y
C
y
t
u
D
m
u
m
i
x
a
MD
X
A
M
6
81
96
9%
t
n
e
r
r
u
C
e
g
a
k
a
e
L
X
LI
K
L
_
X
L
-
-1
5
A
u
t
n
e
r
r
u
C
e
g
a
k
a
e
L
T
U
O
VV
K
L
_
T
U
O
-
--
-0
2A
u
e
m
i
T
t
r
a
t
S
t
f
o
ST
S
S
68
0
1s
m
e
c
n
a
t
s
i
s
e
R
n
O
h
c
t
i
w
S
R
P
-
S
D
-
-2
38
4mΩ
R
N
-
S
D
-
-4
20
4mΩ
e
c
n
e
r
e
f
e
R
e
g
a
t
l
o
V
e
c
n
e
r
e
f
e
R
B
FV
B
F
8
0
2
.
17
2
2
.
16
4
2
.
1V
t
n
e
r
r
u
C
k
n
i
S
B
FI
B
F
V
B
F
V
0
.
1
=-
--
-0
0
1A
n
e
g
a
t
l
o
V
t
u
p
t
u
OV
T
U
O
I
T
U
O
M
C
C
t
a
A
m
0
0
1
>5
2
9
.
455
7
0
.
5
V
I
T
U
O
)
e
d
o
m
d
e
x
i
f
(
V
0
=
B
F
,
A
m
0
0
1
>2
2
1
.
52
.
58
7
2
.
5
t
u
p
n
I
c
i
g
o
L
w
o
L
c
i
g
o
L
1
0
M
L
I
,
1
M
L
I
,
0
M
L
IV
L
_
M
L
I
-
--
-5
.
0V
h
g
i
H
c
i
g
o
L
1
0
M
L
I
,
1
M
L
I
,
0
M
L
IV
H
_
M
L
I
5
.
1-
--
-V
)
C
O
(
e
c
n
a
t
s
i
s
e
R
S
O
M
n
i
a
r
D
n
e
p
OR
C
O
-
S
D
-
-0
50
0
1
Ω
e
c
n
a
t
s
i
s
e
R
w
o
L
-
ll
u
P
1
M
L
I
,
0
M
L
IR
M
L
I
-
-0
0
5-
-kΩ
e
c
n
a
t
s
i
s
e
R
w
o
L
-
ll
u
P
1
0
M
L
IR
1
0
M
L
I
-
-0
5
2-
-kΩ
n
o
i
t
c
e
t
o
r
P
e
r
u
t
a
r
e
p
m
e
T
n
w
o
d
t
u
h
S
l
a
m
r
e
h
TT
N
D
H
S
-
-0
6
1-
-
OC
s
i
s
e
r
e
t
s
y
H
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
∆
T
N
D
H
S
-
-0
2-
-
OC
(V
BAT = 3.6V, VOUT = 5V, L = 2.2uH, CIN = 47uF, COUT = 22uF, TA =25
OC, unless otherwise specified)
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com