Electronic Components Datasheet Search
  English  ▼

X  

UP6014PDDA Datasheet(PDF) 1 Page - uPI Group Inc.

Part # UP6014PDDA
Description  High Efficiency Synchronous Rectifier Boost Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP6014PDDA Datasheet(HTML) 1 Page - uPI Group Inc.

  UP6014PDDA Datasheet HTML 1Page - uPI Group Inc. UP6014PDDA Datasheet HTML 2Page - uPI Group Inc. UP6014PDDA Datasheet HTML 3Page - uPI Group Inc. UP6014PDDA Datasheet HTML 4Page - uPI Group Inc. UP6014PDDA Datasheet HTML 5Page - uPI Group Inc. UP6014PDDA Datasheet HTML 6Page - uPI Group Inc. UP6014PDDA Datasheet HTML 7Page - uPI Group Inc. UP6014PDDA Datasheet HTML 8Page - uPI Group Inc. UP6014PDDA Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
uP6014
1
uP6014-DS-P0000, July 2015
www.upi-semi.com
r
e
b
m
u
N
r
e
d
r
Oe
p
y
T
e
g
a
k
c
a
Pg
n
i
k
r
a
M
p
o
T
A
D
D
P
4
1
0
6
P
uL
0
1
-
3
x
3
N
F
D
WP
4
1
0
6
P
u
8
W
S
P
4
1
0
6
P
uL
8
-
P
O
S
PP
4
1
0
6
P
u
High Efficiency Synchronous Rectifier Boost Converter
Power Bank
Portable Device
USB OTG Output
General Description
Applications
Ordering Information
Features
Pin Configuration
The uP6014 is a power supply solution for products powered
by a single-cell Li-Ion or Li-Polymer battery. The uP6014
is a high efficiency synchronous step-up converter which
integrated power MOSFETs and includes the output true
shutdown function. The quiescent current is 50uA (Typ).
The uP6014 uses fixed-frequency PWM current mode
control at 500kHz for fast transient response with internal
compensation. Protect function includes cycle-by-cycle
current limit, output over voltage protection, over current
flag and over temperature protection. The uP6014 is suitable
for tablet computers, smart phones, and portable handheld
devices.
The uP6014 is available in WDFN3x3-10L and PSOP-8L
packages.
VOUT
VOUT
FB
GND
LX
LX
VBAT
ILM01
1
2
3
4
PSOP-8L
GND
5
6
7
8
Up to 90% Efficient Synchronous Boost Con-
verter with 2.4A Output Current from 3.6V Input
Quiescent Current < 70uA
Shutdown Current < 1uA
500kHz PWM Switching Frequency
Integrated Power MOSFET
Internal Soft-Start to Limit Inrush Current
Adjustable Output Voltage
5.2V Output Voltage (Fixed Mode)
Protection:
Output Turn-Off True Shutdown Function
Overload/Short-Circuit Protection with Hiccup
control
Input Under Voltage Lockout Protection
Output Over Voltage Protection
WDFN3X3-10L and PSOP-8L Packages
RoHS Compliant and Halogen Free
Note: uPI products are compatible with the current IPC/
JEDEC J-STD-020 requirement. They are halogen-free,
RoHS compliant and 100% matte tin (Sn) plating that are
suitable for use in SnPb or Pb-free soldering processes.
10
WDFN3X3-10L
LX
LX
VBAT
ILM0
ILM1
1
2
3
4
5
9
GND
8
7
6
VOUT
VOUT
OC
FB
GND


Similar Part No. - UP6014PDDA

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP6010Q UPI-UP6010Q Datasheet
297Kb / 15P
High Efficiency Synchronous Rectifier Boost Converter
UP6010QDDA UPI-UP6010QDDA Datasheet
297Kb / 15P
High Efficiency Synchronous Rectifier Boost Converter
UP6010QSW8 UPI-UP6010QSW8 Datasheet
297Kb / 15P
High Efficiency Synchronous Rectifier Boost Converter
UP6013 UPI-UP6013 Datasheet
218Kb / 12P
High Efficiency Synchronous Rectifier Boost Converter PWM Output Current Control
UP6013PQAG UPI-UP6013PQAG Datasheet
218Kb / 12P
High Efficiency Synchronous Rectifier Boost Converter PWM Output Current Control
More results

Similar Description - UP6014PDDA

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV3908DK-00B MPS-EV3908DK-00B Datasheet
260Kb / 5P
High Efficiency Synchronous Boost Converter EV Board
logo
uPI Group Inc.
UP6010Q UPI-UP6010Q Datasheet
297Kb / 15P
High Efficiency Synchronous Rectifier Boost Converter
UP6013 UPI-UP6013 Datasheet
218Kb / 12P
High Efficiency Synchronous Rectifier Boost Converter PWM Output Current Control
logo
Diodes Incorporated
AP72200 DIODES-AP72200 Datasheet
1Mb / 30P
HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER
Rev erse
logo
E-CMOS Corporation
EC90X9 E-CMOS-EC90X9 Datasheet
574Kb / 9P
High efficiency synchronous boost converter
logo
Feeling Technology Corp...
FP6276 FEELING-FP6276 Datasheet
618Kb / 12P
500kHz 6A High Efficiency Synchronous PWM Boost Converter
logo
SHOUDING Shouding Semic...
SD6304 SHOUDING-SD6304 Datasheet
2Mb / 12P
High efficiency synchronous boost DC-DC converter
logo
Shenzhen Huazhimei Semi...
HM6380 HMSEMI-HM6380 Datasheet
1Mb / 13P
Low-power, high-efficiency synchronous boost converter
HM6384 HMSEMI-HM6384 Datasheet
818Kb / 7P
high efficiency PFM synchronous boost DC-DC converter
HM5175 HMSEMI-HM5175 Datasheet
754Kb / 11P
500kHz 6A High Efficiency Synchronous PWM Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com