Electronic Components Datasheet Search
  English  ▼

X  

UP6019 Datasheet(PDF) 2 Page - uPI Group Inc.

Part # UP6019
Description  High Performance Single Synchronous Step-Up Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP6019 Datasheet(HTML) 2 Page - uPI Group Inc.

  UP6019 Datasheet HTML 1Page - uPI Group Inc. UP6019 Datasheet HTML 2Page - uPI Group Inc. UP6019 Datasheet HTML 3Page - uPI Group Inc. UP6019 Datasheet HTML 4Page - uPI Group Inc. UP6019 Datasheet HTML 5Page - uPI Group Inc. UP6019 Datasheet HTML 6Page - uPI Group Inc. UP6019 Datasheet HTML 7Page - uPI Group Inc. UP6019 Datasheet HTML 8Page - uPI Group Inc. UP6019 Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Conceptual
uP6019
2
uP6019-DS-C3101, Oct. 2017
www.upi-semi.com
Typical Application Circuit
VIN=3V~4.5V
VIN
2.2uF
VOUT
22uF
22uF
22uF
VOUT=5V/9V/12V
BOOT
5.1
0.1uF
VREG
10uF
LX_C
LX
1uH
22uF
22uF
PGND
LGRIP
FB
75k
100pF
1nF
56k
(5V)
226k
56k
(9V)
AGND
VDD
2.2uF
EN
OCP
49k
COMP
4.7k
2.2nF
MODE
0
PSM
FCCM
Disable
Enable
75k
(12V)
22uF
MCU
MCU
100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com