Electronic Components Datasheet Search
  English  ▼

X  

UP6019 Datasheet(PDF) 12 Page - uPI Group Inc.

Part # UP6019
Description  High Performance Single Synchronous Step-Up Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP6019 Datasheet(HTML) 12 Page - uPI Group Inc.

Back Button UP6019 Datasheet HTML 6Page - uPI Group Inc. UP6019 Datasheet HTML 7Page - uPI Group Inc. UP6019 Datasheet HTML 8Page - uPI Group Inc. UP6019 Datasheet HTML 9Page - uPI Group Inc. UP6019 Datasheet HTML 10Page - uPI Group Inc. UP6019 Datasheet HTML 11Page - uPI Group Inc. UP6019 Datasheet HTML 12Page - uPI Group Inc. UP6019 Datasheet HTML 13Page - uPI Group Inc. UP6019 Datasheet HTML 14Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Conceptual
uP6019
12
uP6019-DS-C3101, Oct. 2017
www.upi-semi.com
Application Information
Layout Consideration
For best performance of the uP6019, the following guidelines are recommended.
1. Input and output capacitors should be placed close to the IC and connected to ground plane to reduce noise coupling.
2. The GND should be connected to a strong ground plane for heat sinking and noise protection.
3. Keep the main current traces as short and wide as possible.
4. LX node of DC-DC converter is with high frequency voltage swing. To prevent radiation of high frequency noise, the inductor
should be placed close to the IC.
5. Please keep VIN, FB, LGRIP and OCP trace away from the noise source such as LX node and place CVIN close to the IC
and connected to ground plane to reduce supply ripple.
6. Place the feedback components as close as possible to the IC and keep away from the noise source.
7. Since the uP6019 is high performance converter and also running high currents, the layout should be consideration of the
thermal as well. A thermal pad improves the thermal capabilities of the package, please soldered exposed pad to the large
plate.
8. The exposed pad II(VOUT) have the most heating of the IC (shown as figure1), please increase VOUT copper plane as
wide as possible to get better thermal performance.
GND
VOUT
GND
GND
GND
CIN
Inductor
COUT
VIN
CVDD
Via for VIN
Via for GND
Via for VOUT
Via for LGRIP_R
Via for VDD
Ccomp
Rcomp
Cfeedforward
FB
EN
25
23
26
VREG
LGRIP
22
NC
VIN
OCP
21
20
PGND
PGND
PGND
PGND
PGND
LX_C
BOOT
24
27
Exposed Pad I
(LX)
28
Exposed Pad II
(VOUT)
13
12
11
10
9
7
8
WQFN4x4-26L
Via for LGRIP_R
Clgrip_gnd
Clgrip_fb
Figure 1. Layout Reference of WQFN4x4-26WL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com