Electronic Components Datasheet Search
  English  ▼

X  

SDT3585S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SDT3585S
Description  N & P-Ch Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SDT3585S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SDT3585S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SDT3585S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SDT3585S Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SDT3585S Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SDT3585S Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SDT3585S Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SDT3585S Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Elektronische Bauelemente
SDT3585S
& P-Ch Enhancement Mode MOSFET
-Ch: 5A, 20V, RDS(O ) 37 mΩ
Ω
Ω
Ω
P-Ch: -3.5A, -20V, RDS(O ) 75 mΩ
Ω
Ω
Ω
12-Sep-2017 Rev. A
Page 1 of 7
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
The SDT3585S is the highest performance trench
N+P MOSFETs with extreme high cell density, which
provide excellent RDSON and gate charge for most
of the synchronous buck converter applications.
The SDT3585S meet the RoHS and Green Product
requirement with full function reliability approved.
APPLICATIONS
Power Management In Note Book
Portable Equipment
DC/DC Converter
Load Switch
MARKING
PACKAGE INFORMATION
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Rating
Parameter
Symbol
N-ch
P-ch
Unit
Drain-Source Voltage
VDS
20
-20
V
Gate-Source Voltage
VGS
±12
±12
V
TA=25°C
5
-3.5
A
Continuous Drain Current
1 @V
GS=4.5V
TA=70°C
ID
4
-2.8
A
Pulsed Drain Current
3
IDM
17
-12
A
Total Power Dissipation
TA=25°C
PD
1.5
W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
Thermal Data
t
5sec ,83
≦
°C / W
Maximum Thermal Resistance from Junction to Ambient
1
Steady State , 125
°C / W
Maximum Thermal Resistance from Junction to Ambient
2
RθJA
250
°C / W
Maximum Thermal Resistance from Junction to Case
1
RθJC
8.4
°C / W
Package
MPQ
Leader Size
DFN2×2-6L-J
3K
7 inch
DFN2x2-6L-J
Millimeter
Millimeter
REF.
Min.
Typ.
Max.
REF.
Min.
Typ.
Max.
A
2.00 BSC.
G
0.30 BSC
B
2.00 BSC.
H
0.20 BSC
-
C
0.675
0.75
0.80
J
0
-
0.06
D
0.30 Typ.
K
0.15
0.20
0.25
E
0.75
0.86
1.1
L
0.20
0.30
0.38
F
0.65BSC
P
0.52
0.65
0.72
3585S
.


Similar Part No. - SDT3585S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SDT3005 SECOS-SDT3005 Datasheet
323Kb / 3P
N-Channel Enhancement Mode Power MOSFET
logo
Diodes Incorporated
SDT30100CT DIODES-SDT30100CT Datasheet
676Kb / 6P
30A TRENCH SCHOTTKY RECTIFIER
March 2017
SDT30100CTFP DIODES-SDT30100CTFP Datasheet
676Kb / 6P
30A TRENCH SCHOTTKY RECTIFIER
March 2017
SDT30100CTFP-H DIODES-SDT30100CTFP-H Datasheet
676Kb / 6P
30A TRENCH SCHOTTKY RECTIFIER
March 2017
SDT30100CTFP-S DIODES-SDT30100CTFP-S Datasheet
676Kb / 6P
30A TRENCH SCHOTTKY RECTIFIER
March 2017
More results

Similar Description - SDT3585S

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUF622EF AUK-SUF622EF Datasheet
397Kb / 5P
N-Ch/P-Ch Enhancement-Mode MOSFET
logo
SeCoS Halbleitertechnol...
SSG4520H SECOS-SSG4520H Datasheet
1Mb / 6P
N & P-Ch Enhancement Mode Power MOSFET
SSI2007 SECOS-SSI2007 Datasheet
1Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG4510 SECOS-SSG4510_15 Datasheet
1Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG5509A SECOS-SSG5509A_15 Datasheet
1Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SDT517 SECOS-SDT517 Datasheet
355Kb / 5P
N & P-Ch Enhancement Mode MOSFET
SSI3439J SECOS-SSI3439J Datasheet
606Kb / 4P
N & P-Ch Enhancement Mode Power MOSFET
SPRD4504-C SECOS-SPRD4504-C Datasheet
429Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG4503A-C SECOS-SSG4503A-C Datasheet
631Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSPRD6560-C SECOS-SSPRD6560-C Datasheet
593Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com